Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCK26.5-MM-190-30 Datasheet (PDF) - CRYSTEK CORPORATION

CCK26.5-MM-190-30 Datasheet PDF - CRYSTEK CORPORATION
Part # CCK26.5-MM-190-30
Download  CCK26.5-MM-190-30 Download

File Size   1073.53 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 26.5 GHz Low Loss Coaxial Cables

CCK26.5-MM-190-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCK26.5-MM-190-30 Datasheet PDF - CRYSTEK CORPORATION

Part # CCK26.5-MM-190-30
Download  CCK26.5-MM-190-30 Click to download

File Size   1073.53 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 26.5 GHz Low Loss Coaxial Cables

CCK26.5-MM-190-30 Datasheet (HTML) - CRYSTEK CORPORATION




Similar Part No. - CCK26.5-MM-190-30

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCK20-30A LITTELFUSE-CCK20-30A Datasheet
102Kb / 1P
   Fork-Lift and Stud-Mounted Fuses
CCK20-30A LITTELFUSE-CCK20-30A Datasheet
154Kb / 1P
   Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
CCK225-300A LITTELFUSE-CCK225-300A Datasheet
102Kb / 1P
   Fork-Lift and Stud-Mounted Fuses
CCK225-300A LITTELFUSE-CCK225-300A Datasheet
154Kb / 1P
   Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
CCK225-300A LITTELFUSE-CCK225-300A Datasheet
92Kb / 1P
   CBO, CCK, CCL SERIES LIFT TRUCK FUSES 32-125 Vdc ??1-300 A ??Fast Acting & Time Delay
More results


Similar Description - CCK26.5-MM-190-30

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
   50 GHz Low Loss Coaxial Cables
CCK40-MM-160-30 CRYSTEKMICROWAVE-CCK40-MM-160-30 Datasheet
451Kb / 2P
   40GHz Low Loss Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA26.5-MM-086-3 CRYSTEKMICROWAVE-CCSMA26.5-MM-086-3 Datasheet
787Kb / 9P
   26.5 GHz hand formable .086 Coax cables
logo
API Technologies Corp
6705 APITECH-6705 Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com