Electronic Components Datasheet Search |
|
C0603X100K5GACTU Datasheet (PDF) - Kemet Corporation |
C0603X100K5GACTU Datasheet (PDF) |
Download Datasheet |
Part # | C0603X100K5GACTU |
Download | C0603X100K5GACTU Click to download |
File Size | 60.45 Kbytes |
Page | 1 Pages |
Manufacturer | KEMET [Kemet Corporation] |
Direct Link | http://www.kemet.com |
Logo | |
Description | SMD Comm C0G Flex, Ceramic, 10 pF, 10%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603 |
C0603X100K5GACTU Datasheet (HTML) - Kemet Corporation |
Similar Part No. - C0603X100K5GACTU |
|
Similar Description - C0603X100K5GACTU |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |