Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854110AYILF Datasheet (PDF) - Integrated Device Technology

854110AYILF Datasheet PDF - Integrated Device Technology
Part # 854110AYILF
Download  854110AYILF Download

File Size   851.22 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V Differential LVDS Clock Buffer

854110AYILF Datasheet (PDF)

Go To PDF Page Download Datasheet
854110AYILF Datasheet PDF - Integrated Device Technology

Part # 854110AYILF
Download  854110AYILF Click to download

File Size   851.22 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 2.5V Differential LVDS Clock Buffer

854110AYILF Datasheet (HTML) - Integrated Device Technology

Back Button 854110AYILF Datasheet HTML 1Page - Integrated Device Technology 854110AYILF Datasheet HTML 2Page - Integrated Device Technology 854110AYILF Datasheet HTML 3Page - Integrated Device Technology 854110AYILF Datasheet HTML 4Page - Integrated Device Technology 854110AYILF Datasheet HTML 5Page - Integrated Device Technology 854110AYILF Datasheet HTML 6Page - Integrated Device Technology 854110AYILF Datasheet HTML 7Page - Integrated Device Technology 854110AYILF Datasheet HTML 8Page - Integrated Device Technology 854110AYILF Datasheet HTML 9Page - Integrated Device Technology 854110AYILF Datasheet HTML 10Page - Integrated Device Technology Next Button 

854110AYILF Product details

General Description
The ICS854110I is a high-performance differential LVDS clock fanout buffer. The device is designed for signal fanout of high-frequency, low phase-noise clock signals. The selected differential input signal is distributed to ten differential LVDS outputs. The ICS854110I is characterized to operate from a 2.5V power supply. Guaranteed output-to-output and part-to-part skew characteristics make the ICS854110I ideal for those clock distribution applications demanding well-defined performance and repeatability. The device offers an output slew rate control with four pre-set output transition times to solve crosstalk and EMI problems in complex board designs. A fail-safe input design forces the outputs to a defined state if differential clock inputs are open or shorted, see Table 3D.

Features
• Two differential input reference clocks
• Differential pair can accept the following differential input levels: LVPECL, LVDS
• Ten LVDS outputs
• Maximum clock frequency: 200MHz
• Output slew rate control
• Fail-safe differential inputs
• LVCMOS interface levels for all control inputs
• Output skew: 260ps (maximum), for fastest slew rate setting of 0.650 V/ns
• Part-to-part skew: 1.2ns (maximum)
• Full 2.5V supply voltage
• Lead-free (RoHS 6) 32-Lead VFQFN and 32-Lead LQFP package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 854110AYILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85411 IDT-85411 Datasheet
230Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
logo
Integrated Device Techn...
85411AMILF IDT-85411AMILF Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
85411AMILF RENESAS-85411AMILF Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
logo
Integrated Device Techn...
85411AMILFT IDT-85411AMILFT Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
More results


Similar Description - 854110AYILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854110I RENESAS-ICS854110I Datasheet
1Mb / 22P
   2.5V Differential LVDS Clock Buffer
JANUARY 27, 2011
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
January 27, 2016
logo
Integrated Device Techn...
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
   2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
   2.5V LVDS 1:16 Clock Fanout Buffer
2019
logo
Integrated Device Techn...
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com