Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8533AG-01LN Datasheet (PDF) - Integrated Device Technology

8533AG-01LN Datasheet PDF - Integrated Device Technology
Part No. 8533AG-01LN
Download  8533AG-01LN Click to view

File Size   266.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Different ial-to-3.3V LVPECL Fanout Buffer

8533AG-01LN Datasheet (PDF)

Go To PDF Page Download Datasheet
8533AG-01LN Datasheet PDF - Integrated Device Technology

Part No. 8533AG-01LN
Download  8533AG-01LN Click to view

File Size   266.38 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Different ial-to-3.3V LVPECL Fanout Buffer

8533AG-01LN Datasheet (HTML) - Integrated Device Technology

Back Button 8533AG-01LN Datasheet HTML 1Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 2Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 3Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 4Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 5Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 6Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 7Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 8Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 9Page - Integrated Device Technology 8533AG-01LN Datasheet HTML 10Page - Integrated Device Technology Next Button 

8533AG-01LN Product details

GENERAL DESCRIPTION
The 8533-01 is a low skew, high performance 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer. The 8533-01 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.

FEATURES
• Four differential 3.3V LVPECL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
   input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
   LVPECL, CML, SSTL
• Maximum output frequency: 650MHz
• Translates any single-ended input signal to 3.3V
   LVPECL levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.4ns (maximum)
• Additive phase jitter, RMS: 0.06ps (typical)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Lead-Free package
• Industrial temperature information available upon request



Similar Part No. - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - 8533AG-01LN

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
8534-01 IDT-8534-01 Datasheet
377Kb / 21P
   Different ial-to-3.3V LVPECL Fanout Buffer
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
85311I IDT-85311I Datasheet
315Kb / 17P
   Low Skew, 1-to-2 , Different ial-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
85311 IDT-85311 Datasheet
315Kb / 16P
   Low Skew, 1-to-2 , Different ial-to-2 .5V, 3.3V LVPECL/ ECL Fanout Buffer
8S89874 IDT-8S89874 Datasheet
366Kb / 20P
   1:2 Different ial-to-LVPECL Buffer/Divider
85304-01 IDT-85304-01 Datasheet
302Kb / 15P
   Low Skew, 1-to-5 , Different ial-to-3 .3V LVPECL Fanout Buffer
852911I IDT-852911I Datasheet
204Kb / 16P
   Low Skew, 1-to-9 Different ial-to-HSTL Fanout Buffer
8533I-01 IDT-8533I-01 Datasheet
350Kb / 18P
   Differential-to-3.3V LVPECL Fanout Buffer
85411I IDT-85411I Datasheet
228Kb / 15P
   Low Skew, 1-to-2 Different ial-to-LVDS Fanout Buffer
853S111B IDT-853S111B_17 Datasheet
601Kb / 26P
   Low Skew Different ial-to-2 .5V, 3.3V LVPECL/ECL
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz