Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE832 Datasheet (PDF) - NTE Electronics

NTE832 Datasheet PDF - NTE Electronics
Part # NTE832
Download  NTE832 Download

File Size   23.44 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Tone Decoder

NTE832 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE832 Datasheet PDF - NTE Electronics

Part # NTE832
Download  NTE832 Click to download

File Size   23.44 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Tone Decoder

NTE832 Datasheet (HTML) - NTE Electronics

NTE832 Datasheet HTML 1Page - NTE Electronics NTE832 Datasheet HTML 2Page - NTE Electronics NTE832 Datasheet HTML 3Page - NTE Electronics

NTE832 Product details

Description:

The NTE832 and NTE832SM are general purpose tone decoders designed to provide a saturated

transistor switch to GND when an input signal is present within the passband. The circuit consists

of an I and Q detector driven by a voltage controlled oscillator which determines the center frequency of the decoder. External components are used to independently set center frequency, bandwidth, and output delay.



Features:

Logic Compatible Output with 100mA Current Sinking Capability

Bandwidth Adjustment from 0 to 14%

Inherent Immunity to False Signals

High Stable Center Frequency

High Rejection of Out–Of–Band Signals and Noise

Center Frequency Adjustable from 0.01Hz to 500kHz

Frequecny Range Adjustable over 20:1 range by an External Resistor

Available in Standard 8–Lead DIP (NTE832) and Surface Mount SOIC–8 (NTE832



Applications:

Touch Tone Decoder

Precision Oscillator

Frequency Monitoring and Control

Wide Band FSK Demodulation

Communications Paging Decoders

Carrier Current Remote Controls

Ultrasonic Controls (Remote TV, etc.)




Similar Part No. - NTE832

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE834SM NTE-NTE834SM Datasheet
26Kb / 3P
   Integrated Circuit Low Power Low Offset Voltage Comparator
NTE836 NTE-NTE836 Datasheet
18Kb / 2P
   Linear Integrated Circuit TV Horizontal Processor
NTE8374 NTE-NTE8374 Datasheet
30Kb / 4P
   Integrated Circuit Seven-Segment Latch/Decoder/Driver for Common Anode LED?셲
More results


Similar Description - NTE832

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
logo
NTE Electronics
NTE1648 NTE-NTE1648 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
logo
Exar Corporation
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
   Micropower Tone Decoder
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com