Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAV330 Datasheet (PDF) - ON Semiconductor

FSAV330 Datasheet PDF - ON Semiconductor
Part # FSAV330
Download  FSAV330 Download

File Size   617.51 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel, 2:1 Video Switch

FSAV330 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSAV330 Datasheet PDF - ON Semiconductor

Part # FSAV330
Download  FSAV330 Click to download

File Size   617.51 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4-Channel, 2:1 Video Switch

FSAV330 Datasheet (HTML) - ON Semiconductor

Back Button FSAV330 Datasheet HTML 1Page - ON Semiconductor FSAV330 Datasheet HTML 2Page - ON Semiconductor FSAV330 Datasheet HTML 3Page - ON Semiconductor FSAV330 Datasheet HTML 4Page - ON Semiconductor FSAV330 Datasheet HTML 5Page - ON Semiconductor FSAV330 Datasheet HTML 6Page - ON Semiconductor FSAV330 Datasheet HTML 7Page - ON Semiconductor FSAV330 Datasheet HTML 8Page - ON Semiconductor FSAV330 Datasheet HTML 9Page - ON Semiconductor FSAV330 Datasheet HTML 10Page - ON Semiconductor Next Button 

FSAV330 Product details

Description
The FSAV330 video switch is a quad, single-pole / double-throw, high-speed CMOS TTL-compatible video switch. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise.

Features
■ Replacement for the P15V330
■ Wide Bandwidth: 300MHz
■ 4Ω Switch Connection between Two Ports
■ Minimal Propagation Delay through the Switch
■ Low lCC
■ Zero Bounce in Flow-through Mode
■ Control Inputs Compatible with TTL Level

Applications
■ Set-Top Boxes
■ Flat Panel Displays
■ CRT Displays
■ DVD - RW




Similar Part No. - FSAV330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330 Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
FSAV330 FAIRCHILD-FSAV330 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV330M FAIRCHILD-FSAV330M Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
FSAV330M FAIRCHILD-FSAV330M Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV330MTC FAIRCHILD-FSAV330MTC Datasheet
303Kb / 8P
   Low On Resistance Quad SPDT Wide Bandwidth Video Switch
More results


Similar Description - FSAV330

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAV330 FAIRCHILD-FSAV330_08 Datasheet
470Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV330 FAIRCHILD-FSAV330_10 Datasheet
584Kb / 9P
   4-Channel, 2:1 Video Switch
FSAV450 FAIRCHILD-FSAV450_11 Datasheet
998Kb / 9P
   800MHz, 4-Channel, 2:1 Video Switch
FSAV450QSCX FAIRCHILD-FSAV450QSCX Datasheet
535Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV450_0508 FAIRCHILD-FSAV450_0508 Datasheet
529Kb / 12P
   800MHz 4 Channel 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_11 Datasheet
899Kb / 10P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
FSAV430 FAIRCHILD-FSAV430_05 Datasheet
544Kb / 12P
   Low Voltage 1.1GHz 4 Channel 2:1 Video Switch
logo
ON Semiconductor
FSAV430 ONSEMI-FSAV430 Datasheet
909Kb / 12P
   Low Voltage 1.1GHz, 4-Channel, 2:1 Video Switch
January 2011 Rev. 1.02
logo
Fairchild Semiconductor
FSAV331 FAIRCHILD-FSAV331_05 Datasheet
163Kb / 7P
   Dual Channel 4:1 Video Switch
FSAV331MTCX FAIRCHILD-FSAV331MTCX Datasheet
609Kb / 7P
   Dual-Channel, 4:1 Video Switch
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com