Manufacturer | Part # | Datasheet | Description |
 PHOENIX CONTACT |
5146464
|
6Mb / 76P |
THERMOMARK LINE
|
0803871
|
52Kb / 2P |
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
|
0803872
|
51Kb / 2P |
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
|
0803873
|
51Kb / 2P |
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
|
0830677
|
57Kb / 3P |
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
|
1014401
|
41Kb / 2P |
Label dispenser - THERMOMARK ROLL X1 -DISPENSER
|
1085260
|
108Kb / 9P |
Thermal transfer printer - THERMOMARK ROLL 2.0
09/12/2020 |
5146257
|
70Kb / 3P |
THERMOMARK S1.1
Feb 10, 2011 |
5146147
|
77Kb / 3P |
THERMOMARK W2
Feb 10, 2011 |
5146231
|
80Kb / 3P |
THERMOMARK X1.2
Feb 10, 2011 |