Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PI5A4594A Datasheet (PDF) - Pericom Semiconductor Corporation

PI5A4594A Datasheet PDF - Pericom Semiconductor Corporation
Part No. PI5A4594A
Download  PI5A4594A Click to view

File Size   128.44 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches

PI5A4594A Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5A4594A Datasheet PDF - Pericom Semiconductor Corporation

Part No. PI5A4594A
Download  PI5A4594A Click to view

File Size   128.44 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINY Low-Voltage, Single-Supply, 8-Ohm SPST CMOS Analog Switches

PI5A4594A Datasheet (HTML) - Pericom Semiconductor Corporation

PI5A4594A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4594A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4594A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4594A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4594A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4594A Datasheet HTML 6Page - Pericom Semiconductor Corporation

PI5A4594A Product details

Description
PI5A4594A/PI5A4596A are single-pole/single-throw (SPST) analog switches that operate from a single +2.0V to +5.5V supply. The PI5A4594A/PI5A4596A switches are normally open (NO), and the PI5A4595A/PI5A4597A are normally closed (NC). The PI5A4596A/PI5A4597A pinouts are optimized for the highest SC70 package off-isolation available.
These switches have 10-ohm max On-Resistance (RON), with 1.5-ohms max RON flatness over the analog signal range when powered from a +5V supply. Leakage currents are 0.5nA and fast switching times are less than 40ns. They are packaged in a compact 5-pin SC70 package.

Features
• 8-ohm max. On-Resistance
• 1.0-ohm max. On-Resistance Flatness
• Fast Switching
    tON = 28ns max.
    tOFF = 35ns max.
• Guaranteed 5pC max. Charge Injection
• +2.0V to +5.5V Single-Supply Operation
• 300 MHz -3dB Bandwidth at +25°C
• TTL/CMOS-Logic Compatible
• 80dB Off-Isolation at 1MHz
• 0.5nA max. Off-Leakage
• 0.05% THD
• Packaging (Pb-free & Green available):
    - 5-pin SC70 (C)

Applications
• Cellular Phones • Communications Circuits
• Battery-Operated Equipment • DSL Modems
• Audio and Video Signal Routing • PCMCIA Cards



Similar Part No. - PI5A4594A

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4599A PERICOM-PI5A4599A Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599ACX PERICOM-PI5A4599ACX Datasheet
421Kb / 8P
   SOTINY Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599B PERICOM-PI5A4599B Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BCE PERICOM-PI5A4599BCE Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
PI5A4599BTAE PERICOM-PI5A4599BTAE Datasheet
352Kb / 8P
   SOTiny Low Resistance, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4594A

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594 Datasheet
169Kb / 8P
   Low-Voltage, Single-Supply, 10??SPST CMOS Analog Switches
Rev 1; 7/00
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
Renesas Technology Corp
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
Intersil Corporation
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
Maxim Integrated Products
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
   Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
Intersil Corporation
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
Renesas Technology Corp
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

Datasheet Page

1  2  3  4  5  6 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz