Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20-7822542 Datasheet (PDF) - Harwin Plc

M20-7822542 Datasheet PDF - Harwin Plc
Part # M20-7822542
Download  M20-7822542 Download

File Size   56.58 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2.54mm PITCH SIL VERTICAL PC TALL SOCKET ASSEMBLY

M20-7822542 Datasheet (PDF)

Go To PDF Page Download Datasheet
M20-7822542 Datasheet PDF - Harwin Plc

Part # M20-7822542
Download  M20-7822542 Click to download

File Size   56.58 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2.54mm PITCH SIL VERTICAL PC TALL SOCKET ASSEMBLY

M20-7822542 Datasheet (HTML) - Harwin Plc

M20-7822542 Datasheet HTML 1Page - Harwin Plc



Similar Part No. - M20-7822542

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M20-7820446 HARWIN-M20-7820446 Datasheet
55Kb / 1P
   2.54mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
More results


Similar Description - M20-7822542

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M20-7820446 HARWIN-M20-7820446 Datasheet
55Kb / 1P
   2.54mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M20-7890242 HARWIN-M20-7890242 Datasheet
60Kb / 1P
   2.54mm PITCH SIL PC TAIL HORIZONTAL SOCKET ASSEMBLY
M20-7892046 HARWIN-M20-7892046 Datasheet
57Kb / 1P
   2.54mm PITCH SIL PC TAIL HORIZONTAL SOCKET ASSEMBLY
M80-8970201 HARWIN-M80-8970201 Datasheet
110Kb / 1P
   DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M22-7130542 HARWIN-M22-7130542 Datasheet
57Kb / 2P
   2.00mm PITCH SIL VERTICAL SOCKET ASSEMBLY
M20-9990445 HARWIN-M20-9990445 Datasheet
143Kb / 1P
   2.54MM PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
M20-9770242 HARWIN-M20-9770242 Datasheet
54Kb / 1P
   2.54mm PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
M22-7130342 HARWIN-M22-7130342 Datasheet
79Kb / 1P
   2.00 mm PITCH SIL VERTICAL SOCKET ASSEMBLY
M52-5000345 HARWIN-M52-5000345 Datasheet
74Kb / 1P
   1.27mm PITCH SIL VERTICAL PC TAIL SOCKET ASSY
M20-7830446 HARWIN-M20-7830446 Datasheet
68Kb / 2P
   2.54mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com