Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7090 Datasheet (PDF) - NTE Electronics

NTE7090 Datasheet PDF - NTE Electronics
Part # NTE7090
Download  NTE7090 Download

File Size   20.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Variable Output Voltage Regulator (Dual Tracking Type)

NTE7090 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7090 Datasheet PDF - NTE Electronics

Part # NTE7090
Download  NTE7090 Click to download

File Size   20.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Variable Output Voltage Regulator (Dual Tracking Type)

NTE7090 Datasheet (HTML) - NTE Electronics

NTE7090 Datasheet HTML 1Page - NTE Electronics NTE7090 Datasheet HTML 2Page - NTE Electronics

NTE7090 Product details

Description:

The NTE7090 is a dual tracking, variable output voltage regulator housed in a 8–pin SIP. The output voltage can be adjusted over a wide range from ±3 to ±30V by adjusting the value of the voltage setting external resistors. By adjusting the resistance of the external balance setting resistors the positive/negative output voltage ratio can also be set freely. Again by attaching power transistors high current gains can be achieved making the device suitable for use in the power supplies of a wide variety of equipment.



Features:

• High Input voltage V . . . . . . . . . . . . . . . . . . . . . . I = ±35V

• Wide Range of Output Voltage V . . . . O = ±3 to ±30V

• Low output noise voltage V . . . . . . NO = 12µVrms(typ)

• Built–in current limiting and thermal shutdown circuit

• The output voltage rise time constant of the coefficients can be adjusted by the value of the external capacitor.

• Capability of operation control by the external control signal (Pin 8).



Application:

  Dual voltage power supplies for stereo preamplifiers, for the power supplies of other equipment, in cluding operational amplifiers.



 




Similar Part No. - NTE7090

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7091 NTE-NTE7091 Datasheet
21Kb / 2P
   Integrated Circuit Dual, Bi-Directional Motor Driver
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE7093 NTE-NTE7093 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE7094 NTE-NTE7094 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
More results


Similar Description - NTE7090

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5230L MITSUBISHI-M5230L Datasheet
258Kb / 7P
   VARIABLE OUTPUT VOLTAGE REGULATOR(DUAL TRACKING TYPE)
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
Exar Corporation
XR-4195 EXAR-XR-4195 Datasheet
515Kb / 3P
   /- 15V DUAL - TRACKING VOLTAGE REGULATOR
XR-1468 EXAR-XR-1468 Datasheet
96Kb / 2P
   Dual Polarity Tracking Voltage Regulator
logo
Mitsubishi Electric Sem...
M5231TL MITSUBISHI-M5231TL Datasheet
176Kb / 6P
   VARIABLE OUTPUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
RC4195 FAIRCHILD-RC4195 Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
logo
Delta Electronics, Inc.
DNK12 DELTA-DNK12 Datasheet
1,008Kb / 15P
   Output voltage tracking
DNS DELTA-DNS Datasheet
794Kb / 15P
   Output Voltage tracking
logo
Rohm
BA00BC0WFPWT ROHM-BA00BC0WFPWT Datasheet
142Kb / 2P
   Low Voltage Variable Output LDO Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com