Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7086 Datasheet (PDF) - NTE Electronics

NTE7086 Datasheet PDF - NTE Electronics
Part # NTE7086
Download  NTE7086 Download

File Size   24.79 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Sync Deflection Circuit for CRT Display

NTE7086 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7086 Datasheet PDF - NTE Electronics

Part # NTE7086
Download  NTE7086 Click to download

File Size   24.79 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Sync Deflection Circuit for CRT Display

NTE7086 Datasheet (HTML) - NTE Electronics

NTE7086 Datasheet HTML 1Page - NTE Electronics NTE7086 Datasheet HTML 2Page - NTE Electronics NTE7086 Datasheet HTML 3Page - NTE Electronics

NTE7086 Product details

Description:

The NTE7086 is a sync•deflection circuit IC in a 20–Lead DIP type package dedicated to CRT display use. This device can be connected to the NTE1773/NTE1797 (for vertical output use) to form a sync•deflection circuit that meets every requirement for CRT display use.

So far, IC’s for color TV use have been applied to the sync•deflection circuit for CRT display use and general–purpose IC’s such as one–shot multivibrators, inverters, and a lot of transistors have been used to form the peripherals such as the sync input interface and horizontal phase shifter.

The NTE7086 contains these peripherals on chip and adopts a stable circuit for horizontal oscillation from 15kHz to 100kHz aiming at improving the characteristics required for CRT display use.



Features:

• The Horizontal Oscillation Frequency can be Adjusted Stably from 15kHz to 100kHz.

• The Horizontal Display can be Shifted Right/Left.

• The Horizontal/Vertical Sync Input can be used intact Regardless of the Difference in Pulse Polarity and Pulse Width.

• The AFC Feedback Sawtooth Wave can be Obtained by Simply Applying a Flyback Pulse to the IC as a Trigger Pulse.

• Any Duty of the Horizontal Pulse Can be Set.

• Good Linearity because DC Bias at Vertical Output Stage is Subjected to Sampling Control within Retrace Time.



On–Chip Functions:

Horizontal Block

• AFC

• Horizontal OSC

• X–Ray Protector

• Horizontal Phase Shifter

• AFC Sawtooth Wave Generator

• Horizontal Pulse Duty Setting



Vertical Block

• Vertical OSC

• Vertical Sawtooth Wave Generator

• Sampling Type DC Voltage Control




Similar Part No. - NTE7086

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
NTE7081 NTE-NTE7081 Datasheet
25Kb / 3P
   Integrated Circuit RGB Video Amplifier System
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
More results


Similar Description - NTE7086

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7063 NTE-NTE7063 Datasheet
25Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7062 NTE-NTE7062 Datasheet
23Kb / 3P
   Integrated Circuit CRT Display Synchronization Deflection Circuit
NTE7039 NTE-NTE7039 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
NTE7123 NTE-NTE7123 Datasheet
72Kb / 3P
   Integrated Circuit Sync Deflection Circuit for Color TV
logo
Sanyo Semicon Device
LA7852 SANYO-LA7852 Datasheet
82Kb / 5P
   CRT Display Synchronization Deflection Circuit
LA7850 SANYO-LA7850 Datasheet
127Kb / 5P
   CRT Display Synchronization Deflection Circuit????
LA7853 SANYO-LA7853 Datasheet
101Kb / 4P
   CRT Display Synchronization Deflection Circuit
LA7851 SANYO-LA7851 Datasheet
109Kb / 4P
   CRT Display Synchronization Deflection Circuit????
logo
NTE Electronics
NTE1539 NTE-NTE1539 Datasheet
21Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com