Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7081 Datasheet (PDF) - NTE Electronics

NTE7081 Datasheet PDF - NTE Electronics
Part # NTE7081
Download  NTE7081 Download

File Size   25.61 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit RGB Video Amplifier System

NTE7081 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7081 Datasheet PDF - NTE Electronics

Part # NTE7081
Download  NTE7081 Click to download

File Size   25.61 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit RGB Video Amplifier System

NTE7081 Datasheet (HTML) - NTE Electronics

NTE7081 Datasheet HTML 1Page - NTE Electronics NTE7081 Datasheet HTML 2Page - NTE Electronics NTE7081 Datasheet HTML 3Page - NTE Electronics

NTE7081 Product details

Description:

The NTE7081 is a wideband video amplifier system in a 28–Lead DIP type package intended for high resolution RGB color monitor applications. In addition to three matched video amplifiers, the NTE7081 contains three gated differential input black level clamp comparators for brightness control and three matched attenuator circuits for contrast control. Each video amplifier contains a gain set or “Drive” node for setting maximum system gain (AV = 4 to 10) as well as providing trim capability.

The NTE7081 also contains a voltage reference for the video inputs.



Features:

• Three Wideband Video Amplifiers (70MHz @ –3dB)

• Inherently Matched (±0.5dB) Attenuators for Contrast Control

• Three Externally Gated Comparators for Brightness Control

• Provisions for Independent Gain Control (Drive) of each Video Amplifier

• Video Input Voltage Reference

• Low Impedance Output Driver



 




Similar Part No. - NTE7081

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE7080 NTE-NTE7080 Datasheet
20Kb / 2P
   Integrated Circuit Precision Voltage Reference Diode, 1.235V
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
   Integrated Circuit Stepper Motor Driver
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7084 NTE-NTE7084 Datasheet
23Kb / 3P
   Integrated Circuit Color TV Sync Deflection Circuit
More results


Similar Description - NTE7081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1203C TI1-LM1203C Datasheet
509Kb / 7P
[Old version datasheet]   RGB VIDEO-AMPLIFIER SYSTEM
logo
National Semiconductor ...
LM1203 NSC-LM1203 Datasheet
559Kb / 16P
   RGB Video Amplifier System
logo
Texas Instruments
LM1203-N TI1-LM1203-N Datasheet
810Kb / 18P
[Old version datasheet]   LM1203 RGB Video Amplifier System
logo
National Semiconductor ...
LM1204 NSC-LM1204 Datasheet
399Kb / 20P
   150 MHz RGB Video Amplifier System
LM1203A NSC-LM1203A Datasheet
305Kb / 18P
   150 MHz RGB Video Amplifier System
logo
TEMIC Semiconductors
U2203B TEMIC-U2203B Datasheet
106Kb / 7P
   RGB Video Amplifier System for Monitors
logo
National Semiconductor ...
LM1203B NSC-LM1203B Datasheet
291Kb / 16P
   100 MHz RGB Video Amplifier System
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
   200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
NTE Electronics
NTE875 NTE-NTE875 Datasheet
32Kb / 4P
   Integrated Circuit Video IF Amplifier/PLL Detector System
logo
Texas Instruments
LM1203A-N TI1-LM1203A-N Datasheet
555Kb / 20P
[Old version datasheet]   LM1203A 150 MHz RGB Video Amplifier System
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com