Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRIMPFOX-M-SR-6-2 Datasheet (PDF) - PHOENIX CONTACT

CRIMPFOX-M-SR-6-2 Datasheet PDF - PHOENIX CONTACT
Part # CRIMPFOX-M-SR-6-2
Download  CRIMPFOX-M-SR-6-2 Download

File Size   47.09 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Die, for MC4 solar connectors, lateral entry, 2.5 - 6 mm짼

CRIMPFOX-M-SR-6-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRIMPFOX-M-SR-6-2 Datasheet PDF - PHOENIX CONTACT

Part # CRIMPFOX-M-SR-6-2
Download  CRIMPFOX-M-SR-6-2 Click to download

File Size   47.09 Kbytes
Page   2 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Die, for MC4 solar connectors, lateral entry, 2.5 - 6 mm짼

CRIMPFOX-M-SR-6-2 Datasheet (HTML) - PHOENIX CONTACT

CRIMPFOX-M-SR-6-2 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-M-SR-6-2 Datasheet HTML 2Page - PHOENIX CONTACT



Similar Part No. - CRIMPFOX-M-SR-6-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-M-SR-6-1 PHOENIX-CRIMPFOX-M-SR-6-1 Datasheet
46Kb / 2P
   Die, for MC3 solar connectors, lateral entry, 2.5 - 6 mm짼
CRIMPFOX-M-SR-6-3 PHOENIX-CRIMPFOX-M-SR-6-3 Datasheet
47Kb / 2P
   Die, for SOLARLOK solar connectors, lateral entry, 2.5 - 6 mm짼
More results


Similar Description - CRIMPFOX-M-SR-6-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-M-SR-6-3 PHOENIX-CRIMPFOX-M-SR-6-3 Datasheet
47Kb / 2P
   Die, for SOLARLOK solar connectors, lateral entry, 2.5 - 6 mm짼
CRIMPFOX-M-SR-6-1 PHOENIX-CRIMPFOX-M-SR-6-1 Datasheet
46Kb / 2P
   Die, for MC3 solar connectors, lateral entry, 2.5 - 6 mm짼
CRIMPFOX-SR6-2 PHOENIX-CRIMPFOX-SR6-2 Datasheet
52Kb / 2P
   Crimping pliers, for MC4 solar connectors, pressure lock can be unlocked, lateral entry, with 2.5 - 6 mm짼 locator
CRIMPFOX-SR6-1 PHOENIX-CRIMPFOX-SR6-1 Datasheet
52Kb / 2P
   Crimping pliers, for MC3 solar connectors, pressure lock can be unlocked, lateral entry, with 2.5 - 6 mm짼 locator
CRIMPFOX-SR-6-3 PHOENIX-CRIMPFOX-SR-6-3 Datasheet
52Kb / 2P
   Crimping pliers, for SOLARLOK solar connectors, pressure lock can be unlocked, lateral entry, with 2.5 - 6 mm짼 locator
1212507 PHOENIX-1212507 Datasheet
47Kb / 2P
   Stripping tool, for 2.5 - 6 mm짼 solar cables, 8.5 mm stripping length, for MC3, MC4 and SOLARLOK contacts
1212511 PHOENIX-1212511 Datasheet
47Kb / 2P
   Stripping tool, for standard 2.5, 4, and 6 mm짼 solar cables, with 15 mm length stop, for SUNCLIX field connectors
CRIMPFOX-CX-4 PHOENIX-CRIMPFOX-CX-4 Datasheet
66Kb / 3P
   Lateral conductor entry
CF-3000-LOC-2 PHOENIX-CF-3000-LOC-2 Datasheet
49Kb / 2P
   Sleeve receiver for 2.5 mm짼 sleeves
CRIMPFOX-MHS-1 PHOENIX-CRIMPFOX-MHS-1 Datasheet
48Kb / 3P
   Die, for CRIMPFOX-M, for 0.1 - 0.4 mm짼 and 4 - 6 mm짼 shrink connectors (light green, yellow), packed in a modular storage box
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com