Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7058 Datasheet (PDF) - NTE Electronics

NTE7058 Datasheet PDF - NTE Electronics
Part # NTE7058
Download  NTE7058 Download

File Size   26.67 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Single Chip TV NTSC System

NTE7058 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE7058 Datasheet PDF - NTE Electronics

Part # NTE7058
Download  NTE7058 Click to download

File Size   26.67 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Single Chip TV NTSC System

NTE7058 Datasheet (HTML) - NTE Electronics

NTE7058 Datasheet HTML 1Page - NTE Electronics NTE7058 Datasheet HTML 2Page - NTE Electronics NTE7058 Datasheet HTML 3Page - NTE Electronics NTE7058 Datasheet HTML 4Page - NTE Electronics

NTE7058 Product details

Description:

The NTE7058 combines all the functions required for an NTSC color TV system in a 64–Lead DIP type plastic package. This device is designed to offer a wide capability of applications from fundamental CTV to high–end MPX CTV with a quasi–parallel SIF system, requiring minimal external parts and adjustments. A quasi–parallel SIF system assures buzz–free sound reproduction.



Features:

PIF Section

• 3–Stage Variable Gain PIF Amplifier

• High–Speed Peak AGC with Dual Time Constants

• Single–End AFT Output with Defeat Function

• Delayed RF AGC Output (Reverse AGC)

• Sync Positive–Detected Video Output Polarity

• Internal Black/White Noise Inverter



Quasi–Parallel Intercarrier Detector

• 3–Stage Variable Gain Intercarrier IF Amplifier

• Independent Peak AGC

• Intercarrier Detector with 90° Carrier Shift



SIF Section

• 3–Stage Limiter Amplifier

• Differential Peak Detector

• Separated Detector Output and Electronic Attenuator Input for Multiplex TV Sound Reception

• Excellent Electronic Attenuator

• Preamplifier with NF Terminal



Video Section

• 2nd Order Picture Sharpness (DC Control)

• Contrast Control with Unicolor Function

• Brightness Control with Pedestal Clamping Circuit (Adjustable DC Restoration Ratio)

• Internal Vertical Blanking



Chroma Section

• ACC Circuit

• Color Control Circuit

• Unicolor Control Circuit

• Adjustment–Free APC Circuit

• Tint Control Circuit with Sync Pulse Output

• Color Differential Outputs



Deflection Section

• Excellent Sync Separator

• Adjustment–Free Countdown System

• Stable Vertical Synchronization

• Sawtooth–Type AFC

• Horizontal Predriver

• X–Ray Protector

• Vertical Drive Amplifier



 




Similar Part No. - NTE7058

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
   Integrated Circuit Mono BTL Audio Amplifier, 3W
NTE7053 NTE-NTE7053 Datasheet
24Kb / 3P
   Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
NTE7054 NTE-NTE7054 Datasheet
38Kb / 5P
   Integrated Circuit Single Chip TV Processor
More results


Similar Description - NTE7058

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1846 NTE-NTE1846 Datasheet
22Kb / 2P
   Integrated Circuit NTSC System Single-Chip Color TV Signal Processor
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
logo
Mitsubishi Electric Sem...
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
   NTSC System Single-Chip color TV Signal processor
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7010 NTE-NTE7010 Datasheet
24Kb / 3P
   Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
NTE1890 NTE-NTE1890 Datasheet
43Kb / 6P
   Integrated Circuit NTSC Decoder for TV
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com