Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9313EGJ Datasheet (PDF) - Maxim Integrated Products

MAX9313EGJ Datasheet PDF - Maxim Integrated Products
Part # MAX9313EGJ
Download  MAX9313EGJ Download

File Size   377.93 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers

MAX9313EGJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9313EGJ Datasheet PDF - Maxim Integrated Products

Part # MAX9313EGJ
Download  MAX9313EGJ Click to download

File Size   377.93 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers

MAX9313EGJ Datasheet (HTML) - Maxim Integrated Products

Back Button MAX9313EGJ Datasheet HTML 1Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 2Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 3Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 4Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 5Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 6Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 7Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 8Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 9Page - Maxim Integrated Products MAX9313EGJ Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX9313EGJ Product details

General Description
The MAX9311/MAX9313 are low-skew, 1-to-10 differential drivers designed for clock and data distribution. These devices allow selection between two inputs. The selected input is reproduced at 10 differential outputs. The differential inputs can be adapted to accept single-ended inputs by connecting the on-chip VBB supply to one input as a reference voltage.

Features
♦ +2.25V to +3.8V Differential HSTL/LVPECL
   Operation
♦ -2.25V to -3.8V LVECL Operation
♦ 30ps (typ) Part-to-Part Skew
♦ 12ps (typ) Output-to-Output Skew
♦ 312ps (typ) Propagation Delay
♦ ≥ 300mV Differential Output at 3GHz
♦ On-Chip Reference for Single-Ended Inputs
♦ Output Low with Open Input
♦ Pin Compatible with MC100LVEP111 (MAX9311)
   and MC100EP111 (MAX9313)
♦ Offered in Tiny QFN* Package (70% Smaller
   Footprint than LQFP)

Applications
   Precision Clock Distribution
   Low-Jitter Data Repeater




Similar Part No. - MAX9313EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
More results


Similar Description - MAX9313EGJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
   1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
MAX9315 MAXIM-MAX9315 Datasheet
125Kb / 11P
   1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 1; 11/04
MAX9321 MAXIM-MAX9321 Datasheet
178Kb / 9P
   Differential LVPECL/LVECL/HSTL Receiver/Drivers
19-2152; Rev 2; 11/02
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com