Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEK-OV-24DC Datasheet (PDF) - PHOENIX CONTACT

DEK-OV-24DC Datasheet PDF - PHOENIX CONTACT
Part # DEK-OV-24DC
Download  DEK-OV-24DC Download

File Size   127.51 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power optocoupler terminal block, input: 24 V DC, output: 3-30 V DC/3 A, terminal width 6.2 mm

DEK-OV-24DC Datasheet (PDF)

Go To PDF Page Download Datasheet
DEK-OV-24DC Datasheet PDF - PHOENIX CONTACT

Part # DEK-OV-24DC
Download  DEK-OV-24DC Click to download

File Size   127.51 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power optocoupler terminal block, input: 24 V DC, output: 3-30 V DC/3 A, terminal width 6.2 mm

DEK-OV-24DC Datasheet (HTML) - PHOENIX CONTACT

DEK-OV-24DC Datasheet HTML 1Page - PHOENIX CONTACT DEK-OV-24DC Datasheet HTML 2Page - PHOENIX CONTACT DEK-OV-24DC Datasheet HTML 3Page - PHOENIX CONTACT DEK-OV-24DC Datasheet HTML 4Page - PHOENIX CONTACT DEK-OV-24DC Datasheet HTML 5Page - PHOENIX CONTACT



Similar Part No. - DEK-OV-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OV-12DC PHOENIX-DEK-OV-12DC Datasheet
128Kb / 5P
   The illustration shows the version DEK-OV- 24DC/24DC/3
DEK-OV-5DC PHOENIX-DEK-OV-5DC Datasheet
138Kb / 5P
   The illustration shows the version DEK-OV- 24DC/24DC/3
More results


Similar Description - DEK-OV-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
DEK-OE-24DC PHOENIX-DEK-OE-24DC Datasheet
113Kb / 4P
   Input optocoupler terminal block, input: 24 V DC, output: 3-48 V DC/100 mA, terminal width 6.2 mm
DEK-OE-5DC PHOENIX-DEK-OE-5DC Datasheet
104Kb / 4P
   Input soptocoupler terminal block, input: 5 V DC, output: 3 - 48 V DC/100 mA, terminal width 6.2 mm
logo
Vishay Siliconix
SIC431 VISHAY-SIC431_V01 Datasheet
2Mb / 23P
   3 V to 24 V Input, 24 A microBUCK짰 DC/DC Converter
01-Jan-2022
logo
PHOENIX CONTACT
2966016 PHOENIX-2966016 Datasheet
120Kb / 3P
   6.2 mm PLC basic terminal blocks with screw connection method, input voltage 24 V DC(without relay or optocoupler)
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
logo
PHOENIX CONTACT
2726311 PHOENIX-2726311 Datasheet
161Kb / 5P
   Inline power terminal block, without accessories, 24 V DC
2766850 PHOENIX-2766850 Datasheet
174Kb / 5P
   Pulse expansion module, input: 24 V DC, output: 3 - 48 V DC/100 mA, supply: 20 - 30 V DC
2726214 PHOENIX-2726214 Datasheet
189Kb / 6P
   Inline digital input terminal block, without accessories, 4 inputs, 24 V DC, 3-wire connection method
logo
Schneider Electric
SSL1D03JD SCHNEIDER-SSL1D03JD Datasheet
111Kb / 5P
   Harmony, Solid state slim relay, 3.5 A, DC switching, input 3??2 V DC, output 1...24 V DC
logo
Bel Fuse Inc.
X7AH-03C500 BEL-X7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com