Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTXO-14V Datasheet (PDF) - Golledge Electronics Ltd

GTXO-14V Datasheet PDF - Golledge Electronics Ltd
Part # GTXO-14V
Download  GTXO-14V Download

File Size   549.03 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3 & 5V Stratum 3 VCTCXO with Clipped Sine Output

GTXO-14V Datasheet (PDF)

Go To PDF Page Download Datasheet
GTXO-14V Datasheet PDF - Golledge Electronics Ltd

Part # GTXO-14V
Download  GTXO-14V Click to download

File Size   549.03 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 3.3 & 5V Stratum 3 VCTCXO with Clipped Sine Output

GTXO-14V Datasheet (HTML) - Golledge Electronics Ltd

GTXO-14V Datasheet HTML 1Page - Golledge Electronics Ltd GTXO-14V Datasheet HTML 2Page - Golledge Electronics Ltd GTXO-14V Datasheet HTML 3Page - Golledge Electronics Ltd GTXO-14V Datasheet HTML 4Page - Golledge Electronics Ltd



Similar Part No. - GTXO-14V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GTXO-14T GOLLEDGE-GTXO-14T Datasheet
548Kb / 4P
   3.3 & 5V Stratum 3 TCXO with Clipped Sine Output
More results


Similar Description - GTXO-14V

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GTXO-14T GOLLEDGE-GTXO-14T Datasheet
548Kb / 4P
   3.3 & 5V Stratum 3 TCXO with Clipped Sine Output
GTXO-S14V GOLLEDGE-GTXO-S14V Datasheet
549Kb / 4P
   3.3 & 5.0V Stratum 3 VCTCXO with Sinewave Output
GTXO-C14V GOLLEDGE-GTXO-C14V Datasheet
548Kb / 4P
   3.3 & 5.0V Stratum 3 VCTCXO with CMOS Output
GTXO-560N GOLLEDGE-GTXO-560N Datasheet
571Kb / 5P
   3V & 5V SM VCTCXO with Clipped Sine Output and Voltage Adjustment
GTXO-560V GOLLEDGE-GTXO-560V Datasheet
574Kb / 5P
   3V & 5V SM VCTCXO with Clipped Sine Output and Voltage Adjustment
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
   Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
Golledge Electronics Lt...
GTXO-566V GOLLEDGE-GTXO-566V Datasheet
558Kb / 4P
   6-Pad SM VCTCXO with Clipped Sine Output and Voltage Adjustment
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
   3.3 & 5V Stratum 3 CMOS TCXO
GTXO-91V GOLLEDGE-GTXO-91V Datasheet
586Kb / 5P
   Miniature SM VCTCXO with Clipped Sine Output and 짹0.5ppm Stability Option
GTXO-566N GOLLEDGE-GTXO-566N Datasheet
554Kb / 4P
   6-Pad SM VCTCXO with Clipped Sine Output and Voltage Adjustment
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com