Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PLC-BPT-TTL Datasheet (PDF) - PHOENIX CONTACT

PLC-BPT-TTL Datasheet PDF - PHOENIX CONTACT
Part No. PLC-BPT-TTL
Download  PLC-BPT-TTL Click to view

File Size   122.23 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 6.2 mm narrow design width

PLC-BPT-TTL Datasheet (PDF)

Go To PDF Page Download Datasheet
PLC-BPT-TTL Datasheet PDF - PHOENIX CONTACT

Part No. PLC-BPT-TTL
Download  PLC-BPT-TTL Click to view

File Size   122.23 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 6.2 mm narrow design width

PLC-BPT-TTL Datasheet (HTML) - PHOENIX CONTACT

PLC-BPT-TTL Datasheet HTML 1Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 2Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 3Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 4Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 5Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 6Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 7Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 8Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 9Page - PHOENIX CONTACT PLC-BPT-TTL Datasheet HTML 10Page - PHOENIX CONTACT


Similar Part No. - PLC-BPT-TTL

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
PLC-BPT-120UC PHOENIX-PLC-BPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-BPT-12DC PHOENIX-PLC-BPT-12DC Datasheet
109Kb / 9P
   14 mm PLC basic terminal block for high continuous currents with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 12 V DC
PLC-BPT-230UC PHOENIX-PLC-BPT-230UC Datasheet
57Kb / 3P
   6.2 mm PLC basic terminal block for input functions with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, with sensor supply voltage distribution (BB), 1 N/O contact, input voltage 230 V AC/DC
PLC-BPT-24DC PHOENIX-PLC-BPT-24DC Datasheet
111Kb / 9P
   14 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 24 V DC
PLC-BPT-48DC PHOENIX-PLC-BPT-48DC Datasheet
58Kb / 3P
   6.2 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 48 V DC
More results

Similar Description - PLC-BPT-TTL

ManufacturerPart No.DatasheetDescription
CTS Corporation
CTS Corporation
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
766163330G CTS-766163330G Datasheet
99Kb / 4P
   Narrow Body Design
766163220G CTS-766163220G Datasheet
99Kb / 4P
   Narrow Body Design
PHOENIX CONTACT
PHOENIX CONTACT
2905350 PHOENIX-2905350 Datasheet
91Kb / 5P
   Extremely narrow design, just 12 mm per position
2905351 PHOENIX-2905351 Datasheet
95Kb / 6P
   Extremely narrow design, just 12 mm per position
Hitachi Semiconductor
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
Molex Electronics Ltd.
Molex Electronics Ltd.
501628-2191 MOLEX-501628-2191 Datasheet
1Mb / 2P
   Narrow Width, Cable-Tab Type
Omron Electronics LLC
Omron Electronics LLC
G2RV-SR OMRON-G2RV-SR Datasheet
2Mb / 31P
   Global standard size, low profile slim (6.2 mm width) I/O relays
PHOENIX CONTACT
PHOENIX CONTACT
PLC-SP-S PHOENIX-PLC-SP-S Datasheet
105Kb / 5P
   Just 6.2 mm wide
Rohm
Rohm
IA2004-CE10A ROHM-IA2004-CE10A Datasheet
62Kb / 5P
   Image sensor heads for narrow-width scanners
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz