Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6408 Datasheet (PDF) - NTE Electronics

NTE6408 Datasheet PDF - NTE Electronics
Part # NTE6408
Download  NTE6408 Download

File Size   18.72 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Bilateral Trigger Diodes (DIACS)

NTE6408 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6408 Datasheet PDF - NTE Electronics

Part # NTE6408
Download  NTE6408 Click to download

File Size   18.72 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Bilateral Trigger Diodes (DIACS)

NTE6408 Datasheet (HTML) - NTE Electronics

NTE6408 Datasheet HTML 1Page - NTE Electronics NTE6408 Datasheet HTML 2Page - NTE Electronics

NTE6408 Product details

Description:

The NTE6407 thru NTE6412 are bilateral trigger DIACs offering a range of voltage characteristics from 28V to 63V. These devices are triggered from a blocking–to–conduction state for either polarity of applied voltage whenever the amplitude of applied voltage exceeds the breakover voltage rating of the DIAC.



Features:

Glass–Chip Passivation

DO35 Type Trigger Package

Wide Voltage Range Selection



Absolute Maximum Ratings:

Maximum Trigger Firing Capacitance  . . . . . . . . . . . . . .  . . . . . . . . . . . . . . 0.1µF

Device Dissipation (TA = –40° to +40°C), PD . . . . . . . . . . . .. . . . . . . . . . 250mW

Derate Above +40°C  . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . 3.6mW/°C

Operating Junction Temperature Range, Tj . . . . . . . . . . . . .  . . –40° to +125°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . .. . . . . . –40° to +125°C

Thermal Resistance, Junction–to–Ambient, RthJA . . . . . . . . . .  . . . . . 278°C/W

Thermal Resistance, Junction–to–Lead (Note 1), RthJL . . . . . . .  . . . 100°C/W

Lead Temperature (During Soldering, 1/16” (1.59mm) from case, 10sec max), TL . . . . . . . . +230°C

Note 1. Based on maximum lead temperature of +85°C at ≤ 250mW.




Similar Part No. - NTE6408

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
   Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
   Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
   Integrated Circuit Silicon Bilateral Switch (SBS)
More results


Similar Description - NTE6408

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
HT-32 TECCOR-HT-32 Datasheet
555Kb / 4P
   Bilateral Trigger Diacs
logo
EIC discrete Semiconduc...
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
logo
List of Unclassifed Man...
ECG6407 ETC-ECG6407 Datasheet
113Kb / 1P
   Bilateral Trigger Diodes / Bidirectiomal Diode Thyristors
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P Datasheet
26Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
SD32 EIC-SD32 Datasheet
57Kb / 1P
   SURFACE MOUNT DIACS - BI-DIRECTIONAL TRIGGER
Rev. 02 : March 25, 2005
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
   TRIGGER DIODES
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
   TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
   TRIGGER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com