Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6404 Datasheet (PDF) - NTE Electronics

NTE6404 Datasheet PDF - NTE Electronics
Part # NTE6404
Download  NTE6404 Download

File Size   19.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Unilateral Switch (SUS)

NTE6404 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6404 Datasheet PDF - NTE Electronics

Part # NTE6404
Download  NTE6404 Click to download

File Size   19.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Unilateral Switch (SUS)

NTE6404 Datasheet (HTML) - NTE Electronics


NTE6404 Product details

Description:

The NTE6404 is a silicon planar, monolithic integrated circuit having thyristor electrical characteristics closely approximating those of an “ideal” four layer diode. The device is designed to switch at 8 volts with a 0.02%/°C temperature coefficient. A gate lead is provided to eliminate rate effect, obtain triggering at lower values and to obtain transient free wave forms. Silicon Unilateral Switches are specifically designed and characterized for use in monostable and bistable applications where low cost is of prime importance.



Applications:

SCR Triggers

Frequency Dividers

Ring Counters

Cross Point Switching

Over–Voltage Sensors



Absolute Maximum Ratings:

Power Dissipation (Note 1) . . . . . . . . . . . . . . . .  . . . . . . . . .300mW

Peak Reverse Voltage . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . .–30V

DC Forward Anode Current (Note 1) . . . . . . . . . . . . .. . . . .175mA

DC Gate Current (Note 1, Note 2) . . . . . . . . . . . . . .  . . . . . . .5mA

Peak Recurrent Forward Current (1% duty cycle, 10µs pulse width, TA = +100°C) . . . .1A

Peak Non–Recurrent Forward Current (10µs pulse width, TA = +25°C) . . . . . . . . . . . . .5A

Operating Junction Temperature Range  . . . . . . . . . . . . . . . . . . . .  -55°C to +125°C

Storage Temperature Range  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C



Note 1. Derate linearly to zero at 125°C

Note 2. This rating applicable only in OFF state. Maximum gate current in conducting state limited by maximum power rating.




Similar Part No. - NTE6404

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
   Unijunction Transistor
NTE6401 NTE-NTE6401 Datasheet
20Kb / 2P
   Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
   Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
   Integrated Circuit Silicon Bilateral Switch (SBS)
More results


Similar Description - NTE6404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4988 ETC-2N4988 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
2N4987 ETC-2N4987 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
2N4990 ETC-2N4990 Datasheet
10Kb / 1P
   Silicon unilateral switch (SUS) in package TO-92
logo
General Semiconductor
2N4989 GE-2N4989 Datasheet
169Kb / 7P
   SILICON UNILATERAL SWITCH
logo
New Jersey Semi-Conduct...
2N4987 NJSEMI-2N4987 Datasheet
136Kb / 1P
   SUS
logo
VITALCONN ELECTRONICS H...
JS2621G1N401 VITALCONN-JS2621G1N401 Datasheet
251Kb / 1P
   RJ45 8P8C 2X6 SUS WITH LED
logo
Inchange Semiconductor ...
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
   Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
   Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com