Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6401 Datasheet (PDF) - NTE Electronics

NTE6401 Datasheet PDF - NTE Electronics
Part # NTE6401
Download  NTE6401 Download
File Size   20.65 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Unijunction Transistor

NTE6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6401 Datasheet PDF - NTE Electronics

Part # NTE6401
Download  NTE6401 Click to download

File Size   20.65 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Unijunction Transistor

NTE6401 Datasheet (HTML) - NTE Electronics


NTE6401 Product details

Description:

The NTE6401 is designed for use in pulse and timing circuits, sensing circuits and thyristor trigger circuits.



Features:

 Low Peak Point Current: 5µA (Max)

 Low Emitter Reverse Current: .005µA (Typ)

 Passivated Surface for Reliability & Uniformity



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Power Dissipation (Note 1), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW

RMS Emitter Current, IE(RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA

Peak Pulse Emitter Current (Note 2), iE . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A

Emitter Reverse Voltage, VB2E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V

Interbase Voltage, VB2B1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V

Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . –65° to 125°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . –65° to +150°C



Note 1 Derate 3mW/°C increase in ambient temperature. The total power dissipation (available power to Emitter and Base–Two) must be limited by the external circuitry.

Note 2 Capacitor discharge – 10µF or less, 30 volts or less




Similar Part No. - NTE6401

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
Unijunction Transistor
NTE6400A NTE-NTE6400A Datasheet
19Kb / 2P
Unijunction Transistor
NTE6402 NTE-NTE6402 Datasheet
21Kb / 2P
Programmable Unijunction Transistor (PUT)
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
Integrated Circuit Silicon Bilateral Switch (SBS)
NTE6404 NTE-NTE6404 Datasheet
19Kb / 2P
Silicon Unilateral Switch (SUS)
More results


Similar Description - NTE6401

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6409 NTE-NTE6409 Datasheet
20Kb / 2P
Unijunction Transistor
logo
Advanced Semiconductor
2N1671 ASI-2N1671 Datasheet
53Kb / 1P
UNIJUNCTION TRANSISTOR
logo
NTE Electronics
NTE6400 NTE-NTE6400 Datasheet
19Kb / 2P
Unijunction Transistor
logo
Digitron Semiconductors
2N1671 DIGITRON-2N1671 Datasheet
160Kb / 2P
UNIJUNCTION TRANSISTOR
2N3980 DIGITRON-2N3980 Datasheet
203Kb / 3P
PN UNIJUNCTION TRANSISTOR
logo
NXP Semiconductors
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 Apr 27
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
logo
Vishay Telefunken
BSV57B TFUNK-BSV57B Datasheet
38Kb / 2P
Silicon Unijunction Transistor
logo
Central Semiconductor C...
CP624 CENTRAL-CP624 Datasheet
223Kb / 2P
Programmable Unijunction Transistor
logo
New Jersey Semi-Conduct...
2N6028 NJSEMI-2N6028 Datasheet
99Kb / 1P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com