Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE614 Datasheet (PDF) - NTE Electronics

NTE614 Datasheet PDF - NTE Electronics
Part # NTE614
Download  NTE614 Download

File Size   19.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Voltage Variable Capacitance Diode (Tuning Diode)

NTE614 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE614 Datasheet PDF - NTE Electronics

Part # NTE614
Download  NTE614 Click to download

File Size   19.55 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Voltage Variable Capacitance Diode (Tuning Diode)

NTE614 Datasheet (HTML) - NTE Electronics

NTE614 Datasheet HTML 1Page - NTE Electronics NTE614 Datasheet HTML 2Page - NTE Electronics

NTE614 Product details

Description:

These diodes are designed for high volume requirements of FM Radio and TV tuning and AFC, general frequency control and tuning applications; providing solid–state reliability in replacement of mechanical tuning methods.



Features:

High Q with Guaranteed Minimum Values

Controlled and Uniform Tuning Ratio

Standard Capacitance Tolerance – 10%

Absolute Maximum Ratings:

Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V

Forward Current, IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA

Device Dissipation (TA = 25°C), PD . . . . . . . . . . . . . . . . . . . . . 280mW

Derate Above 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8mW/°C

Note 1. The NTE611 & NTE612 are discontinued devices and no longer available.




Similar Part No. - NTE614

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE61 NTE-NTE61 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE6102 NTE-NTE6102 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE6109 NTE-NTE6109 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE6110 NTE-NTE6110 Datasheet
16Kb / 2P
   Industrial Rectifier, 500 Amp
NTE6111 NTE-NTE6111 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 1100 Amp
More results


Similar Description - NTE614

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SV232 TOSHIBA-1SV232 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV262 TOSHIBA-1SV262 Datasheet
116Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV269 TOSHIBA-1SV269 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV282 TOSHIBA-1SV282 Datasheet
110Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV303 TOSHIBA-1SV303 Datasheet
84Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV217 TOSHIBA-1SV217 Datasheet
119Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV231 TOSHIBA-1SV231 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV288 TOSHIBA-1SV288 Datasheet
78Kb / 1P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV215 TOSHIBA-1SV215 Datasheet
109Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV290 TOSHIBA-1SV290 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com