Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAO-3301 Datasheet (PDF) - Golledge Electronics Ltd

GAO-3301 Datasheet PDF - Golledge Electronics Ltd
Part # GAO-3301_18
Download  GAO-3301 Download

File Size   592.77 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8~3.3V 32.768kHz Oscillator with 3225 Package

GAO-3301 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAO-3301 Datasheet PDF - Golledge Electronics Ltd

Part # GAO-3301_18
Download  GAO-3301 Click to download

File Size   592.77 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 1.8~3.3V 32.768kHz Oscillator with 3225 Package

GAO-3301 Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - GAO-3301_18

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GAO-3301 GOLLEDGE-GAO-3301 Datasheet
152Kb / 2P
1.8 - 3.3V CMOS 32.768kHz Oscillator
More results


Similar Description - GAO-3301_18

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GAO-3301 GOLLEDGE-GAO-3301 Datasheet
152Kb / 2P
1.8 - 3.3V CMOS 32.768kHz Oscillator
GXO-3306L GOLLEDGE-GXO-3306L Datasheet
594Kb / 5P
3225 Package Ultra-Low Jitter 3.3V Oscillator
GXO-3300L GOLLEDGE-GXO-3300L Datasheet
595Kb / 5P
High Frequency, Tight Stability 3.3V Oscillator with 3225 Package
GAO-3201 GOLLEDGE-GAO-3201_18 Datasheet
580Kb / 5P
1.8~5.0V 32.768kHz Oscillator
GAO-3201 GOLLEDGE-GAO-3201 Datasheet
143Kb / 2P
1.8 - 5.0V CMOS 32.768kHz Oscillator
logo
Fox Electronics
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
FK335 FOX-FK335 Datasheet
80Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
logo
Golledge Electronics Lt...
GXO-U120 GOLLEDGE-GXO-U120 Datasheet
173Kb / 2P
1.8 ~ 3.3V CMOS Oscillator
GXO-3201 GOLLEDGE-GXO-3201_16 Datasheet
171Kb / 2P
1.8 ~ 3.3V CMOS Oscillator
GXO-5301 GOLLEDGE-GXO-5301 Datasheet
174Kb / 2P
1.8 ~ 3.3V CMOS Oscillator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com