Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM8V-T1A Datasheet (PDF) - Golledge Electronics Ltd

CM8V-T1A Datasheet PDF - Golledge Electronics Ltd
Part # CM8V-T1A
Download  CM8V-T1A Download

File Size   560.42 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal

CM8V-T1A Datasheet (PDF)

Go To PDF Page Download Datasheet
CM8V-T1A Datasheet PDF - Golledge Electronics Ltd

Part # CM8V-T1A
Download  CM8V-T1A Click to download

File Size   560.42 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description Ultra-Miniature 2012 Package 32.768kHz SM Watch Crystal

CM8V-T1A Datasheet (HTML) - Golledge Electronics Ltd

CM8V-T1A Datasheet HTML 1Page - Golledge Electronics Ltd CM8V-T1A Datasheet HTML 2Page - Golledge Electronics Ltd CM8V-T1A Datasheet HTML 3Page - Golledge Electronics Ltd CM8V-T1A Datasheet HTML 4Page - Golledge Electronics Ltd



Similar Part No. - CM8V-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CM8V-T1A MICROCRYSTAL-CM8V-T1A Datasheet
96Kb / 2P
   Tuning Fork Crystal 32.768 kHz
logo
Golledge Electronics Lt...
CM8V-T1A GOLLEDGE-CM8V-T1A Datasheet
128Kb / 1P
   SM Watch Crystal
logo
MICORO CRYSTAL SWITZERL...
CM8V-T1A MICROCRYSTAL-CM8V-T1A Datasheet
293Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
logo
Golledge Electronics Lt...
CM8V-T1A/EA GOLLEDGE-CM8V-T1A/EA Datasheet
128Kb / 1P
   SM Watch Crystal
More results


Similar Description - CM8V-T1A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CM9V-T1A GOLLEDGE-CM9V-T1A Datasheet
538Kb / 4P
   Ultra-Miniature 1610 Package 32.768kHz SM Watch Crystal
GSX-315 GOLLEDGE-GSX-315_18 Datasheet
593Kb / 5P
   Miniature SM 32.768kHz Watch Crystal
CM8V03-T1A GOLLEDGE-CM8V03-T1A Datasheet
558Kb / 4P
   Ultra-Miniature Low Profile 32.768kHz SM Watch Crystal
GWX-1610 GOLLEDGE-GWX-1610 Datasheet
565Kb / 4P
   1610 Package 32.768kHz Watch Crystal
CM7V-T1A GOLLEDGE-CM7V-T1A Datasheet
558Kb / 4P
   SM 32.768kHz Watch Crystal with Military Temperature Range
CC7V-T1A GOLLEDGE-CC7V-T1A Datasheet
552Kb / 4P
   SM 32.768Khz Watch Crystal with Military Temperature Range
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
   32.768kHz SMD Watch Crystal
logo
Golledge Electronics Lt...
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
   32.768kHz CM200C Watch Crystal
logo
Caliber Electronics Inc...
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
   32.768kHz SMD Watch Crystal
logo
List of Unclassifed Man...
AWS145 ETC2-AWS145 Datasheet
30Kb / 1P
   32.768kHz SMD Watch Crystal
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com