Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62392CHRTZ Datasheet (PDF) - Renesas Technology Corp

ISL62392CHRTZ Datasheet PDF - Renesas Technology Corp
Part # ISL62392CHRTZ
Download  ISL62392CHRTZ Download

File Size   1063.72 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers

ISL62392CHRTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62392CHRTZ Datasheet PDF - Renesas Technology Corp

Part # ISL62392CHRTZ
Download  ISL62392CHRTZ Click to download

File Size   1063.72 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers

ISL62392CHRTZ Datasheet (HTML) - Renesas Technology Corp

Back Button ISL62392CHRTZ Datasheet HTML 1Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 2Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 3Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 4Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 5Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 6Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 7Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 8Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 9Page - Renesas Technology Corp ISL62392CHRTZ Datasheet HTML 10Page - Renesas Technology Corp Next Button 

ISL62392CHRTZ Product details

High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers

The ISL62391, ISL62392, ISL62391C and ISL62392C controller generate supply voltages for battery-powered systems. It includes two pulse-width modulation (PWM) controllers, adjustable from 0.6V to 5.5V, and a linear regulator (LDO3) that generates a fixed 3.3V and can deliver up to 100mA. The ISL62391, ISL62392, ISL62391C and ISL62392C include on-board power-up sequencing, a power-good (PGOOD) output, digital soft-start, and internal soft-stop output discharge that prevents negative voltages on shutdown.

Features
• High Performance R3 Technology
• Fast Transient Response
• ±1% Output Voltage Accuracy
• 2 Fully Programmable Switch-Mode Power Supplies
• Programmable Switching Frequency
• Fixed 3.3V LDO Output
• Internal Soft-Start and Soft-Stop Output Discharge
• Wide Input Voltage Range: 5.5V to 25V
• Full and Ultrasonic Pulse-Skipping Mode
• Power-Good Indicator
• Overvoltage, Undervoltage and Overcurrent Protection
• Thermal Monitor and Protection
• Pb-Free (RoHS Compliant)

Applications
• Notebook and Sub-Notebook Computers
• PDAs and Mobile Communication Devices
• 3-Cell and 4-Cell Li+ Battery-Powered Devices




Similar Part No. - ISL62392CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62392CHRTZ INTERSIL-ISL62392CHRTZ Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
More results


Similar Description - ISL62392CHRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com