Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5655 Datasheet (PDF) - NTE Electronics

NTE5655 Datasheet PDF - NTE Electronics
Part # NTE5655
Download  NTE5655 Download

File Size   19.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC - 800mA Sensitive Gate

NTE5655 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5655 Datasheet PDF - NTE Electronics

Part # NTE5655
Download  NTE5655 Click to download

File Size   19.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC - 800mA Sensitive Gate

NTE5655 Datasheet (HTML) - NTE Electronics

NTE5655 Datasheet HTML 1Page - NTE Electronics NTE5655 Datasheet HTML 2Page - NTE Electronics

NTE5655 Product details

Description:
The NTE5655 through NTE5657 are 800mA sensitive gate TRIACs in a TO92 type package designed to be driven directly with IC and MOS devices. These TRIACs feature void–free glass passivated chips.
These NTE devices are bi–directional triode thyristors and may be switched from off–state to conduction for either polarity of applied voltage with positive or negative gate trigger current. They are designed for control applications in lighting, heating, cooling and static switching relays.




Similar Part No. - NTE5655

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5650 NTE-NTE5650 Datasheet
20Kb / 2P
   TRIAC - 100VRM, 2.5A
NTE5653 NTE-NTE5653 Datasheet
20Kb / 2P
   TRIAC - 100VRM, 2.5A
More results


Similar Description - NTE5655

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com