Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4001A5 Datasheet (PDF) - Shenzhen Yixinwei Technology Co., Ltd.

4001A5 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.
Part # 4001A5
Download  4001A5 Download

File Size   148.48 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER

4001A5 Datasheet (PDF)

Go To PDF Page Download Datasheet
4001A5 Datasheet PDF - Shenzhen Yixinwei Technology Co., Ltd.

Part # 4001A5
Download  4001A5 Click to download

File Size   148.48 Kbytes
Page   2 Pages
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.
Description SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER

4001A5 Datasheet (HTML) - Shenzhen Yixinwei Technology Co., Ltd.

4001A5 Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. 4001A5 Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.


Similar Part No. - 4001A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4001A ETC2-4001A Datasheet
831Kb / 1P
   Generates Sine, Triangle, & Square waveforms from 0.5 Hz to 4 MHz
logo
B&K Precision Corporati...
4001A BK-4001A Datasheet
835Kb / 1P
   4 MHz Sweep Function Generators
logo
Shenzhen Yixinwei Techn...
4001A1 YIXIN-4001A1 Datasheet
104Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results


Similar Description - 4001A5

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Electronics ...
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
   Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
logo
Central Semiconductor C...
CMR2-10 CENTRAL-CMR2-10_15 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
S2AW YIXIN-S2AW Datasheet
240Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Electronics ...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
SM4001PL YIXIN-SM4001PL Datasheet
104Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com