Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21010 Datasheet (PDF) - Renesas Technology Corp

ISL21010 Datasheet PDF - Renesas Technology Corp
Part # ISL21010
Download  ISL21010 Download
File Size   3395.12 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower Voltage Reference

ISL21010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21010 Datasheet PDF - Renesas Technology Corp

Part # ISL21010
Download  ISL21010 Click to download

File Size   3395.12 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower Voltage Reference

ISL21010 Datasheet (HTML) - Renesas Technology Corp


ISL21010 Product details

Micropower Voltage Reference

The ISL21010 is a precision, low dropout micropower bandgap voltage reference in a space-saving SOT-23 package. It operates from a single 2.2V to 5.5V supply (minimum voltage is dependent on voltage option) and provides a ±0.2% accurate reference. The ISL21010 provides up to 25mA output current sourcing with low 150mV dropout voltage.

Features
• Reference output voltages . . . . . . . . . . . 1.024V, 1.25V, 1.5V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V
• Precision 0.2% initial accuracy
• Input voltage range:
    - ISL21010-10, -12, -15 -20 . . . . . . . . . . . . . . . . 2.2V to 5.5V
    - ISL21010-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.6V to 5.5V
    - ISL21010-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1V to 5.5V
    - ISL21010-33. . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.4V to 5.5V
    - ISL21010-41. . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2V to 5.5V
• Output current source capability . . . . . . . . . . . . . . . . . . 25mA
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• Output voltage noise (VOUT = 2.048V). . . . . . . . . . . . . .58µVP-P (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . . .48µA (typical)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Ld SOT-23
• Pb-free (RoHS compliant)

Applications
• Battery management/monitoring
• Low power standby voltages
• Portable instrumentation
• Consumer/medical electronics
• Lower cost industrial and instrumentation
• Power regulation circuits
• Control loops and compensation networks
• LED/diode supply




Similar Part No. - ISL21010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010 INTERSIL-ISL21010 Datasheet
1Mb / 17P
Micropower Voltage Reference
ISL21010 INTERSIL-ISL21010 Datasheet
1Mb / 20P
Micropower Voltage Reference
ISL21010 INTERSIL-ISL21010 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL21010 INTERSIL-ISL21010 Datasheet
2Mb / 35P
Micropower Voltage Reference
January 8, 2015
ISL21010CFH315Z-T7A INTERSIL-ISL21010CFH315Z-T7A Datasheet
2Mb / 35P
Micropower Voltage Reference
January 8, 2015
More results


Similar Description - ISL21010

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com