![]() |
Electronic Components Datasheet Search |
|
IRFB16N50K Datasheet (PDF) - International Rectifier |
IRFB16N50K Datasheet (HTML) - International Rectifier |
IRFB16N50K Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | IRFB16N50K |
Download | IRFB16N50K Click to view |
File Size | 169.76 Kbytes |
Page | 8 Pages |
Maker | IRF [International Rectifier] |
Homepage | http://www.irf.com |
Logo | |
Description | SMPS MOSFET |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
IRF730APBF | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
IRFU12N25D | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
FDH15N50 | 15A 500V 0.38 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
IRFP22N60K | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
IRFL4315 | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
IRFR3412 | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
IRLR3714 | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
FDH27N50 | 27A 500V 0.19 Ohm N-Channel SMPS Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
IRFS9N60A | SMPS MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |