Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX227AL Datasheet (PDF) - Sony Corporation

ICX227AL Datasheet PDF - Sony Corporation
Part No. ICX227AL
Download  ICX227AL Click to view

File Size   204.44 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX227AL Datasheet (PDF)

Go To PDF Page Download Datasheet
ICX227AL Datasheet PDF - Sony Corporation

Part No. ICX227AL
Download  ICX227AL Click to view

File Size   204.44 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras

ICX227AL Datasheet (HTML) - Sony Corporation

Back Button ICX227AL Datasheet HTML 1Page - Sony Corporation ICX227AL Datasheet HTML 2Page - Sony Corporation ICX227AL Datasheet HTML 3Page - Sony Corporation ICX227AL Datasheet HTML 4Page - Sony Corporation ICX227AL Datasheet HTML 5Page - Sony Corporation ICX227AL Datasheet HTML 6Page - Sony Corporation ICX227AL Datasheet HTML 7Page - Sony Corporation ICX227AL Datasheet HTML 8Page - Sony Corporation ICX227AL Datasheet HTML 9Page - Sony Corporation ICX227AL Datasheet HTML 10Page - Sony Corporation Next Button 

ICX227AL Product details

Description
The ICX227AL is an interline CCD solid-state image sensor suitable for CCIR B/W video cameras. Compared with the current product ICX207AL, smear charactristics are improved drastically and power consumption is reduced. High sensitivity and high saturation signal are achieved by Super HAD CCD technology.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).

Features
• Low smear (–105dB Typ. at F5.6)
• Low power consumption (–34% compared with ICX207AL)
• High sensitivity (+2.5dB at F1.2 compared with ICX207AL)
• High saturation signal
• Supply voltage 12V
• Horizontal register: 3.3V drive
• Reset gate: 3.3V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Recommended range of exit pupil distance: –20 to –100mm



Similar Part No. - ICX227AL

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX227AL

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX207AL SONY-ICX207AL Datasheet
218Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX279AL SONY-ICX279AL Datasheet
191Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz