Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16256 Datasheet (PDF) - Integrated Circuit Solution Inc

IC41C16256 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC41C16256
Download  IC41C16256 Download
File Size   208.89 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 256Kx16 bit Dynamic RAM with EDO Page Mode

IC41C16256 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC41C16256 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC41C16256
Download  IC41C16256 Click to download

File Size   208.89 Kbytes
Page   21 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 256Kx16 bit Dynamic RAM with EDO Page Mode

IC41C16256 Datasheet (HTML) - Integrated Circuit Solution Inc


IC41C16256 Product details

DESCRIPTION

The ICSI IC41C16256 and IC41LV16256 is a 262,144 x 16-bit high-performance CMOS Dynamic Random Access Memo ries. The IC41C16256 offer an accelerated cycle access called EDO Page Mode. EDO Page Mode allows 512 random accesses within a single row with access cycle time as short as 10 ns per 16-bit word. The Byte Write control, of upper and lower byte, makes the IC41C16256 ideal for use in 16-, 32-bit wide data bus systems.

These features make the IC41C16256and IC41LV16256 ideally suited for high-bandwidth graphics, digital signal processing, high-performance computing systems, and peripheral applications.

The IC41C16256 is packaged in a 40-pin 400mil SOJ and 400mil TSOP-2.



FEATURES

• Extended Data-Out (EDO) Page Mode access cycle

• TTL compatible inputs and outputs; tristate I/O

• Refresh Interval: 512 cycles /8 ms

• Refresh Mode: RAS-Only, CAS-before-RAS (CBR), Hidden

• Single power supply:

   5V ± 10% (IC41C16256)

   3.3V ± 10% (IC41LV16256)

• Byte Write and Byte Read operation via two CAS

• Industrail Temperature Range -40oC to 85oC

• Pb-free package is available



 




Similar Part No. - IC41C16256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35K ICSI-IC41C16257-35K Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35KI ICSI-IC41C16257-35KI Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35T ICSI-IC41C16257-35T Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35TI ICSI-IC41C16257-35TI Datasheet
760Kb / 20P
256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Similar Description - IC41C16256

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
4Mx4 bit Dynamic RAM with EDO Page Mode
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Integrated Circuit Solu...
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
512K x 8 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
1Mx4 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com