Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5021T1 Datasheet (PDF) - NTE Electronics

NTE5021T1 Datasheet PDF - NTE Electronics
Part # NTE5021T1
Download  NTE5021T1 Download

File Size   15.24 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 500mW 짹1% Tolerance

NTE5021T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5021T1 Datasheet PDF - NTE Electronics

Part # NTE5021T1
Download  NTE5021T1 Click to download

File Size   15.24 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Zener Diode, 500mW 짹1% Tolerance

NTE5021T1 Datasheet (HTML) - NTE Electronics

NTE5021T1 Datasheet HTML 1Page - NTE Electronics

NTE5021T1 Product details

Features:

Zener Voltage 5.1V to 12V

Constructed with an Oxide Passivated All Diffused Die

DO35 Type Axial Lead Package



Absolute Maximum Ratings:

Forward Voltage (IF = 100mA, TL = +30°C, Lead Length = 3/8”), VF . . . 1.5V

DC Power Dissipation (TL ≤ +50°C, Lead length = 3/8”), PD . . . . . . . . 500mW

Derate Above 50°C  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.33mW/°C

Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . –65°C to +200°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . –65°C to +200°C




Similar Part No. - NTE5021T1

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5021A NTE-NTE5021A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5021SM NTE-NTE5021SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
More results


Similar Description - NTE5021T1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com