Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13700 Datasheet (PDF) - Epson Company

S1D13700 Datasheet PDF - Epson Company
Part # S1D13700
Download  S1D13700 Download

File Size   1000.18 Kbytes
Page   134 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Embedded Memory Graphics LCD Controller

S1D13700 Datasheet (PDF)

Go To PDF Page Download Datasheet
S1D13700 Datasheet PDF - Epson Company

Part # S1D13700
Download  S1D13700 Click to download

File Size   1000.18 Kbytes
Page   134 Pages
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company
Description Embedded Memory Graphics LCD Controller

S1D13700 Datasheet (HTML) - Epson Company


S1D13700 Product details

Overview Description
The S1D13700 Embedded Memory Graphics LCD Controller can display both text and graphics on an LCD panel. The S1D13700 allows layered text and graphics, scrolling of the display in any direction, and partitioning of the display into multiple screens. It includes 32K bytes of embedded SRAM display memory which is used to store text, character codes, and bit-mapped graphics. The S1D13700 handles display controller functions including: transferring data from the controlling microprocessor to the buffer memory, reading memory data, converting data to display pixels, and generating timing signals for the LCD panel.

Features
Internal Memory
    • Embedded 32K bytes of SRAM display memory 
Host CPU Interface
    • Direct Address Bus support for:
        • Generic Bus (Z80 family) microprocessor interface
        • MC68K family microprocessor interface
    • Indirect Address Bus support for:
        • Generic Bus (Z80 family) microprocessor interface
        • MC68K family microprocessor interface
        • M6800 family microprocessor interface
    • 8-bit CPU data bus interface
Display Support
    • 4-bit monochrome LCD interface
    • Maximum resolutions supported: 640x240 at 1 bpp 320x240 at 2 bpp 240x160 at 4 bpp
    • 1/2-duty to 1/256-duty LCD drive
Display Modes
    • 1/2/4 bit-per-pixel color depth support
    • Text, graphics and combined text/graphics display modes
    • Three overlapping screens in graphics mode
    • Programmable cursor control
    • Smooth horizontal scrolling of all or part of the display in monochrome mode
    • Smooth vertical scrolling of all or part of the display in all modes
Character Generation
    • 160, 5x7 pixel characters in embedded mask-programmed character generator ROM (CGROM)
    • Up to 64, 8x8 pixel characters in character generator RAM (CGRAM)
    • Up to 256, 8x16 pixel characters in embedded character generator RAM (when CGROM is not used)
Power
    • Software initiated power save mode
    • Low power consumption
    • CORE VDD 3.0 to 3.6 volts
    • IO VDD 3.0 to 5.5 volts
Clock Source
    • Two terminal crystal or Single Oscillator input Input Clock (maximum 60 MHz) FPSHIFT Clock (maximum 15 MHz)
Package
    • TQFP13 - 64-pin Pb-used package
    • TQFP13 - 64-pin Pb-free package (lead free)




Similar Part No. - S1D13700

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13700F02A100 EPCOS-S1D13700F02A100 Datasheet
576Kb / 134P
   Hardware Functional Specification
More results


Similar Description - S1D13700

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13706 EPSON-S1D13706 Datasheet
1Mb / 152P
   S1D13706 Embedded Memory LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
List of Unclassifed Man...
SED1351 ETC1-SED1351 Datasheet
87Kb / 18P
   GRAPHICS LCD CONTROLLER
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
SED1353 EPSON-SED1353 Datasheet
548Kb / 30P
   SED1353 GRAPHICS LCD CONTROLLER
S1D13503F00A200 EPSON-S1D13503F00A200 Datasheet
1Mb / 270P
   S1D13503 Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1905 ETC1-SSD1905 Datasheet
917Kb / 153P
   LCD Graphics Controller CMOS
More results




About Epson Company


Epson is a Japanese company that specializes in the manufacture of electronics and imaging products.
The company was founded in 1942 and is headquartered in Suwa, Nagano, Japan.
Epson offers a wide range of products including printers, projectors, industrial automation equipment, and more.
The company is known for its expertise in precision electronics and its innovative technologies in the fields of imaging, printing, and visual communication.
Epson has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its consumer and business products, Epson also provides a range of products and solutions for industrial and commercial applications, such as print head technologies, robotic systems, and wearable devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com