Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD435N Datasheet (PDF) - Infineon Technologies AG

DD435N Datasheet PDF - Infineon Technologies AG
Part # DD435N
Download  DD435N Download
File Size   653.08 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Pressure contact technology for high reliability

DD435N Datasheet (PDF)

Go To PDF Page Download Datasheet
DD435N Datasheet PDF - Infineon Technologies AG

Part # DD435N
Download  DD435N Click to download

File Size   653.08 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Pressure contact technology for high reliability

DD435N Datasheet (HTML) - Infineon Technologies AG


DD435N Product details

Key Parameters
   VDRM / VRRM 2800 - 4000 V
   IFAVM 435 A (TC=100 °C)
   IFSM 3570A (T 14500 A C=55°C)
   VT0 0,84 V
   rT 0,6 mΩ
   RthJC 0,078 K/W
   Base plate 60 mm
   Weight 1500 g

Features
• Pressure contact technology for high reliability
• Industrial standard package
• Electrically insulated base plate

Typical Applications
• Rectifier for drives applications
• Rectifiers for UPS
• Battery chargers




Similar Part No. - DD435N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD435N EUPEC-DD435N Datasheet
271Kb / 10P
Rectifier Diode Module
More results


Similar Description - DD435N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
Pressure contact technology for high reliability
2014-03-10 Revision 3.1
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
Pressure contact technology for high reliability
2018-04-17 Revision 3.3
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com