Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5SV16M4DT-7 Datasheet (PDF) - List of Unclassifed Manufacturers

NT5SV16M4DT-7 Datasheet PDF - List of Unclassifed Manufacturers
Part # NT5SV16M4DT-7
Download  NT5SV16M4DT-7 Download

File Size   203.3 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 64Mb Synchronous DRAM

NT5SV16M4DT-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
NT5SV16M4DT-7 Datasheet PDF - List of Unclassifed Manufacturers

Part # NT5SV16M4DT-7
Download  NT5SV16M4DT-7 Click to download

File Size   203.3 Kbytes
Page   21 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 64Mb Synchronous DRAM

NT5SV16M4DT-7 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button NT5SV16M4DT-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5SV16M4DT-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

NT5SV16M4DT-7 Product details

[Nanya]



Description

The NT5SV16M4DT, NT5SV8M8DT, and NT5SV4M16DT are four-bank Synchronous DRAMs organized as 4Mbit x 4 I/O x 4 Bank, 2Mbit x 8 I/O x 4 Bank, and 1Mbit x 16 I/O x 4 Bank, respectively. These synchronous devices achieve high-speed data transfer rates of up to 200MHz by employing a pipeline chip architecture that synchronizes the output data to a system clock. The chip is fabricated with NTC’s advanced 64Mbit single transistor CMOS DRAM process technology.



Features

• High Performance:(TABLE)

• Programmable CAS Latency: 2, 3

• Programmable Burst Length: 1, 2, 4, 8, Full page

• Programmable Wrap: Sequential or Interleave

• Multiple Burst Read with Single Write Option

• Automatic and Controlled Precharge Command

• Data Mask for Read/Write control (x4, x8)

• Dual Data Mask for byte control (x16)

• Auto Refresh (CBR) and Self Refresh

• Suspend Mode and Power Down Mode

• Standard Power operation

• 4096 refresh cycles/64ms

• Random Column Address every CK (1-N Rule)

• Single 3.3V ±  0.3V Power Supply

• LVTTL compatible

• Package: 54-pin 400 mil TSOP-Type II



 




Similar Part No. - NT5SV16M4DT-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV16M16AT ETC1-NT5SV16M16AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-75B ETC1-NT5SV16M16AT-75B Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-75BL ETC1-NT5SV16M16AT-75BL Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-7K ETC1-NT5SV16M16AT-7K Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-7KL ETC1-NT5SV16M16AT-7KL Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
More results


Similar Description - NT5SV16M4DT-7

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTC EOREX-EM484M1644VTC Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com