Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V852E Datasheet (PDF) - OKI electronic componets

MR27V852E Datasheet PDF - OKI electronic componets
Part # MR27V852E
Download  MR27V852E Download

File Size   100.26 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM

MR27V852E Datasheet (PDF)

Go To PDF Page Download Datasheet
MR27V852E Datasheet PDF - OKI electronic componets

Part # MR27V852E
Download  MR27V852E Click to download

File Size   100.26 Kbytes
Page   13 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM

MR27V852E Datasheet (HTML) - OKI electronic componets


MR27V852E Product details

GENERAL DESCRIPTION

The MR27V852E is a 8 Mbit electrically One Time Programmable Read-Only Memory with page mode. Its configuration can be electrically switched between 524,288-word × 16-bit and 1,048,576-word × 8-bit by the state of the BYTE pin. The MR27V852E supports high speed asynchronous read operation using a single 3.3V power supply.



FEATURES

· 524,288-word × 16-bit/1,048,576-word × 8-bit electrically switchable configuration

· Page size of 8-word x 16-Bit or 16-word x 8-Bit

· +3.3 V power supply

· Access time

             Random access mode 100 ns MAX

             Page access mode 30 ns MAX

· Operating current 80 mA MAX

· Standby current 50 µA MAX

· Input/Output TTL compatible

· Tri-state output

· Packages:

             42-pin plastic DIP (DIP42-P-600-2.54) (Product Name : MR27V852ERA)

             42-pin plastic SOJ (SOJ42-P-400-1.27) (Product Name : MR27V852EJA)



 




Similar Part No. - MR27V852E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DMA OKI-MR27V852DMA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DRA OKI-MR27V852DRA Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852DTP OKI-MR27V852DTP Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Similar Description - MR27V852E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
   1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V452D OKI-MR27V452D Datasheet
82Kb / 10P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C452CZ OKI-MSM27C452CZ Datasheet
92Kb / 12P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com