Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV6416-12T Datasheet (PDF) - Integrated Circuit Solution Inc

IC61LV6416-12T Datasheet PDF - Integrated Circuit Solution Inc
Part # IC61LV6416-12T
Download  IC61LV6416-12T Download

File Size   95.44 Kbytes
Page   9 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 16 Hight Speed SRAM with 3.3V

IC61LV6416-12T Datasheet (PDF)

Go To PDF Page Download Datasheet
IC61LV6416-12T Datasheet PDF - Integrated Circuit Solution Inc

Part # IC61LV6416-12T
Download  IC61LV6416-12T Click to download

File Size   95.44 Kbytes
Page   9 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x 16 Hight Speed SRAM with 3.3V

IC61LV6416-12T Datasheet (HTML) - Integrated Circuit Solution Inc

IC61LV6416-12T Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV6416-12T Datasheet HTML 9Page - Integrated Circuit Solution Inc

IC61LV6416-12T Product details

DESCRIPTION
The ICSI IC61LV6416 is a high-speed, 1,048,576-bit static RAM organized as 65,536 words by 16 bits. It is fabricated using ICSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 8 ns with low power consumption.

FEATURES
• High-speed access time: 8, 10, 12, and 15 ns
• CMOS low power operation
    — 250 mW (typical) operating
    — 250 µW (typical) standby
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available




Similar Part No. - IC61LV6416-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQ ICST-IC61LV6432-117PQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQI ICST-IC61LV6432-117PQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQ ICST-IC61LV6432-117TQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQI ICST-IC61LV6432-117TQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
More results


Similar Description - IC61LV6416-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Integrated Device Techn...
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com