Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5355D Datasheet (PDF) - ON Semiconductor

NCP5355D Datasheet PDF - ON Semiconductor
Part # NCP5355D
Download  NCP5355D Download

File Size   102.85 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V Synchronous Buck Power MOSFET Driver

NCP5355D Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP5355D Datasheet PDF - ON Semiconductor

Part # NCP5355D
Download  NCP5355D Click to download

File Size   102.85 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 12 V Synchronous Buck Power MOSFET Driver

NCP5355D Datasheet (HTML) - ON Semiconductor

Back Button NCP5355D Datasheet HTML 1Page - ON Semiconductor NCP5355D Datasheet HTML 2Page - ON Semiconductor NCP5355D Datasheet HTML 3Page - ON Semiconductor NCP5355D Datasheet HTML 4Page - ON Semiconductor NCP5355D Datasheet HTML 5Page - ON Semiconductor NCP5355D Datasheet HTML 6Page - ON Semiconductor NCP5355D Datasheet HTML 7Page - ON Semiconductor NCP5355D Datasheet HTML 8Page - ON Semiconductor NCP5355D Datasheet HTML 9Page - ON Semiconductor NCP5355D Datasheet HTML 10Page - ON Semiconductor Next Button 



Similar Part No. - NCP5355D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5355 ONSEMI-NCP5355 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results


Similar Description - NCP5355D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1210 SEMTECH-SC1210 Datasheet
158Kb / 9P
   High Speed, 12 V, Synchronous Power MOSFET Driver
logo
Microchip Technology
MCP14628 MICROCHIP-MCP14628 Datasheet
435Kb / 24P
   2A Synchronous Buck Power MOSFET Driver
2008
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
logo
Richtek Technology Corp...
RT9612A RICHTEK-RT9612A Datasheet
213Kb / 15P
   Synchronous-Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com