Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiP32461DB-T2-GE1 Datasheet (PDF) - Vishay Siliconix

SiP32461DB-T2-GE1 Datasheet PDF - Vishay Siliconix
Part # SiP32461DB-T2-GE1
Download  SiP32461DB-T2-GE1 Download

File Size   608.61 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 mΩ, Slew Rate Controlled Load Switch in WCSP

SiP32461DB-T2-GE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SiP32461DB-T2-GE1 Datasheet PDF - Vishay Siliconix

Part # SiP32461DB-T2-GE1
Download  SiP32461DB-T2-GE1 Click to download

File Size   608.61 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 mΩ, Slew Rate Controlled Load Switch in WCSP

SiP32461DB-T2-GE1 Datasheet (HTML) - Vishay Siliconix

Back Button SiP32461DB-T2-GE1 Datasheet HTML 1Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 2Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 3Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 4Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 5Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 6Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 7Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 8Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 9Page - Vishay Siliconix SiP32461DB-T2-GE1 Datasheet HTML 10Page - Vishay Siliconix Next Button 

SiP32461DB-T2-GE1 Product details

DESCRIPTION
The SiP32460, SiP32461, and SiP32462 are slew rate controlled integrated high side load switches that operate over the input voltage range from 1.2 V to 5.5 V.
This series of design features slew rate control, reverse blocking when switch is off, output discharge, and control logic pull down. The devices are logic high enabled.
The SiP32460, SIP32461, and SiP32462 are available in compact wafer level WCSP package, WCSP4 0.76 mm x 0.76 mm with 0.4 mm pitch.

FEATURES
• Low input voltage, 1.2 V to 5.5 V
• Low Ron, 54 mΩ/typ. at 3 V
• Slew rate control
• Compatible with 1.2 V to 3.3 V logic
• 7.5 μs turn-on time at 5 V (SiP32462)
• Reverse current blocking when switch is off
• Integrated output discharge switch (SiP32461)
• Integrated pull down resistor at “EN”
• For enable “Low” see SiP32467 and SiP32468
• 4-bump WCSP package
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Smart phones
• GPS and portable media players
• Tablet computers
• Medical and healthcare equipment
• Industrial and instrumentation
• Game consoles




Similar Part No. - SiP32461DB-T2-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32461DB-T2-GE1 VISHAY-SIP32461DB-T2-GE1 Datasheet
495Kb / 16P
   50 m, Slew Rate Controlled Load Switch in WCSP
Rev. C, 03-Jun-13
SIP32461DB-T2-GE1 VISHAY-SIP32461DB-T2-GE1 Datasheet
632Kb / 15P
   50 m?? Slew Rate Controlled Load Switch in WCSP
01-Jan-2022
More results


Similar Description - SiP32461DB-T2-GE1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
   50 mΩ, Slew Rate Controlled Load Switch in WCSP
Rev. B, 28-Apr-14
SIP32462 VISHAY-SIP32462 Datasheet
632Kb / 15P
   50 m?? Slew Rate Controlled Load Switch in WCSP
01-Jan-2022
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
   50 m, Slew Rate Controlled Load Switch in WCSP
Rev. C, 03-Jun-13
SIP32467 VISHAY-SIP32467_V01 Datasheet
522Kb / 13P
   50 m?? Slew Rate Controlled Load Switch in WCSP
01-Jan-2022
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
   Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com