Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3122 Datasheet (PDF) - NTE Electronics

NTE3122 Datasheet PDF - NTE Electronics
Part # NTE3122
Download  NTE3122 Download
File Size   19.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington

NTE3122 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE3122 Datasheet PDF - NTE Electronics

Part # NTE3122
Download  NTE3122 Click to download

File Size   19.14 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington

NTE3122 Datasheet (HTML) - NTE Electronics


NTE3122 Product details

Features:

• Epoxy Resin Package

• Narrow Acceptance: ∆θ = ±13° Typ

• High Sensitivity: IC = 1.5mA Min @ Ee = 0.1mW/cm2

• Visible Light Cut–Off



Applications:

• VCRs, Cassette Tape Recorders

• Floppy Disk Drives

• Optoelectronic Switches

• Automatic Stroboscopes



 




Similar Part No. - NTE3122

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE312 NTE-NTE312 Datasheet
24Kb / 3P
N-Channel Silicon Junction Field Effect Transistor
NTE3120 NTE-NTE3120 Datasheet
19Kb / 2P
Silicon NPN Phototransistor Detector
NTE3123 NTE-NTE3123 Datasheet
20Kb / 2P
Phototransistor Silicon NPN, Intermediate Acceptance, High Sensitivity, Darlington
More results


Similar Description - NTE3122

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT431 SHARP-PT431 Datasheet
153Kb / 4P
NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
PT481 SHARP-PT481 Datasheet
66Kb / 4P
Narrow Acceptance High Sensitivity Phototransistor
logo
NTE Electronics
NTE3123 NTE-NTE3123 Datasheet
20Kb / 2P
Phototransistor Silicon NPN, Intermediate Acceptance, High Sensitivity, Darlington
logo
Sharp Corporation
PT430 SHARP-PT430 Datasheet
154Kb / 4P
Narrow Acceptance Phototransistor
PT480 SHARP-PT480 Datasheet
54Kb / 4P
Narrow Acceptance Phototransistor
PT491 SHARP-PT491 Datasheet
66Kb / 4P
Intermediate Acceptance High Sensitivity Phototransistor
PT495F SHARP-PT495F Datasheet
43Kb / 3P
Intermediate Acceptance High Sensitivity Phototransistor
PT501 SHARP-PT501 Datasheet
63Kb / 4P
TO-18 Type Narrow Acceptance Phototransistor
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
High Speed, Narrow Acceptance Photodiodes
logo
KODENSHI_AUK CORP.
ST-1CL3H KODENSHI-ST-1CL3H Datasheet
210Kb / 2P
Photo transistors(high sensitivity NPN silicon phototransistor mounted)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com