Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE312 Datasheet (PDF) - NTE Electronics

NTE312 Datasheet PDF - NTE Electronics
Part # NTE312
Download  NTE312 Download

File Size   24.4 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description N-Channel Silicon Junction Field Effect Transistor

NTE312 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE312 Datasheet PDF - NTE Electronics

Part # NTE312
Download  NTE312 Click to download

File Size   24.4 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description N-Channel Silicon Junction Field Effect Transistor

NTE312 Datasheet (HTML) - NTE Electronics

NTE312 Datasheet HTML 1Page - NTE Electronics NTE312 Datasheet HTML 2Page - NTE Electronics NTE312 Datasheet HTML 3Page - NTE Electronics

NTE312 Product details

Description:

The NTE312 is a field effect transistor designed for VHF amplifier and mixer applications. The NTE312 comes in a TO–92 package.



Features:

• High Power Gain: 10dB Min at 400MHz

• High Transconductance: 4000 µmho Min at 400MHz

• Low Crss: 1pF Max

• High (Yfs) / Ciss Ratio (High–Frequency Figure–of–Merit)

• Drain and Gate Leads Separated for High Maximum Stable Gain

• Cross–Modulation Minimized by Square–Law Transfer Characteristic

• For Use in VHF Amplifiers in FM, TV, and Mobile Communications Equipment



 




Similar Part No. - NTE312

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3120 NTE-NTE3120 Datasheet
19Kb / 2P
   Silicon NPN Phototransistor Detector
NTE3122 NTE-NTE3122 Datasheet
19Kb / 2P
   Phototransistor Silicon NPN, Narrow Acceptance, High Sensitivity, Darlington
NTE3123 NTE-NTE3123 Datasheet
20Kb / 2P
   Phototransistor Silicon NPN, Intermediate Acceptance, High Sensitivity, Darlington
More results


Similar Description - NTE312

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com