Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3100 Datasheet (PDF) - NTE Electronics

NTE3100 Datasheet PDF - NTE Electronics
Part # NTE3100
Download  NTE3100 Download

File Size   20.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Photon Coupled Interrupter Module

NTE3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE3100 Datasheet PDF - NTE Electronics

Part # NTE3100
Download  NTE3100 Click to download

File Size   20.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Photon Coupled Interrupter Module

NTE3100 Datasheet (HTML) - NTE Electronics

NTE3100 Datasheet HTML 1Page - NTE Electronics NTE3100 Datasheet HTML 2Page - NTE Electronics

NTE3100 Product details

Description:

The NTE3100 Interrupter Module is a gallium arsenide infrared emitting diode coupled to a silicon

phototransistor on a plastic housing. The package system is designed to optimize the mechanical

resolution, coupling efficiency, ambient light rejection, cost, and reliability. The gap in the housing pro

vides a means of interrupting the signal with an opaque material, switching the output from an “ON”

into an “OFF” state.



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Total Device

Operating Temperature Range, TJ . . . . . . . . . . . . . . . . .. –55° to +100°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . .. –55° to +100°C

Lead Temperature (During Soldering, 5sec max), TL . . . . . . . .. +260°C

Infrared Emitting Diode

Power Dissipation, PE . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . 100mW

Derate Above 25°C 1.33mW/ . . . . . . . . . . . . . . . . . . . .. . . . . . . . °C

Forward Current, IF

Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . .  . . . . . . . . . . . . 60mA

Peak (Pulse Width ≤ 1µs, PRR ≤ 300pps)  . . . . . . . . . . . .. . . .3A

Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . . 6V

Phototransistor

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . 150mW

Derate Above 25°C  . . . . . . . . . . . . . . . . . . . .  . . . . . . . . 2.0mW/°C

Continuous Collector Current, IC . . . . . . . . . . . . . . . .  . . . . . . . . . 100mA

Collector–Emitter Voltage, VCEO . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . 55V

Emitter–Collector Voltage, VECO . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . 6V




Similar Part No. - NTE3100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE310 NTE-NTE310 Datasheet
22Kb / 2P
   Integrated Thyristor/Rectifier (ITR) TV Horizontal Deflection & Trace Switch
NTE3101 NTE-NTE3101 Datasheet
20Kb / 2P
   Photon Coupled Interrupter Module NPN Darlington Output
NTE3102 NTE-NTE3102 Datasheet
20Kb / 2P
   Photon Coupled Interrupter Module NPN Transistor
NTE3103 NTE-NTE3103 Datasheet
19Kb / 2P
   Photon Coupled Interrupter Module NPN Darlington
NTE3104 NTE-NTE3104 Datasheet
20Kb / 2P
   Opto Interrupter Module Photo Reflector, NPN Transistor Output
More results


Similar Description - NTE3100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3102 NTE-NTE3102 Datasheet
20Kb / 2P
   Photon Coupled Interrupter Module NPN Transistor
NTE3103 NTE-NTE3103 Datasheet
19Kb / 2P
   Photon Coupled Interrupter Module NPN Darlington
NTE3101 NTE-NTE3101 Datasheet
20Kb / 2P
   Photon Coupled Interrupter Module NPN Darlington Output
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
CNY51 GESS-CNY51 Datasheet
166Kb / 4P
   PHOTON COUPLED LSOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
Intersil Corporation
CNY47 INTERSIL-CNY47 Datasheet
92Kb / 2P
   PHOTON COUPLED LSOLATOR
logo
PerkinElmer Optoelectro...
GE3009 PERKINELMER-GE3009 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
   PHOTON COUPLED ISOLATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com