Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L23 Datasheet (PDF) - Exar Corporation

XRD98L23 Datasheet PDF - Exar Corporation
Part # XRD98L23
Download  XRD98L23 Download
File Size   452.45 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD98L23 Datasheet (PDF)

Go To PDF Page Download Datasheet
XRD98L23 Datasheet PDF - Exar Corporation

Part # XRD98L23
Download  XRD98L23 Click to download

File Size   452.45 Kbytes
Page   32 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-Bit, High-speed Linear CIS/CCD Sensor Signal Processor with Serial Control

XRD98L23 Datasheet (HTML) - Exar Corporation


XRD98L23 Product details

GENERAL DESCRIPTION
The XRD98L23 is a complete linear CIS or CCD sensor signal processor on a single monolithic chip. The XRD98L23 includes a high speed 8-bit resolution ADC, a 6-bit Programmable Gain Amplifier with gain adjustment of 1 to 10, and a typical 8-bit programmable input referred offset calibration range of 480mV.

FEATURES
• 8-Bit Resolution, No Missing Codes
• One-channel 10MSPS Pixel Rate
• Dual-channel 5MSPS Pixel Rate
• Three-channel 3 MSPS Pixel Rate
• 6-bit Programmable Gain Amplifier
• 8-bit Programmable Offset Adjustment
• CIS or CCD Compatibility
• Internal Clamp for CIS or CCD AC Coupled Configurations
• 3.3V Operation & I/O Compatibility
• Serial Load Control Registers
• Low Power CMOS: 75mW-typ
• Low Cost 20-Lead Packages
• USB Compliant

APPLICATIONS
• Check Scanners
• General Purpose CIS or CCD Imaging
• Low Cost Data Acquisition
• Simple and Direct Interface to Canon 600 DPI Sensors




Similar Part No. - XRD98L23

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L53 EXAR-XRD98L53 Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L53AIV EXAR-XRD98L53AIV Datasheet
1Mb / 28P
CCD Image Digitizers with CDS,PGA,and 10-bit A/D
XRD98L55 EXAR-XRD98L55 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L55AIV EXAR-XRD98L55AIV Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
CCD Image Digitizers with CDS, PGA and 10-Bit A/D
More results


Similar Description - XRD98L23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC8188 TI-TLC8188 Datasheet
153Kb / 12P
10-BIT, 4 MSPS, CIS/LINEAR CCD SENSOR PROCESSOR
logo
Exar Corporation
XRD9827 EXAR-XRD9827 Datasheet
264Kb / 32P
12-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9829 EXAR-XRD9829 Datasheet
1Mb / 20P
10-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9828 EXAR-XRD9828 Datasheet
148Kb / 2P
10-Bit Linear CIS/CCD Sensor Signal Processor with Parallel Interface
XRD9825 EXAR-XRD9825 Datasheet
290Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9818 EXAR-XRD9818 Datasheet
479Kb / 28P
3-CHANNEL 16-BIT LINEAR CCD/CIS SENSOR SIGNAL PROCESSOR
XRD9824 EXAR-XRD9824 Datasheet
265Kb / 32P
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
XRD9826 EXAR-XRD9826 Datasheet
273Kb / 33P
16-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control
logo
Analog Devices
AD9814S AD-AD9814S Datasheet
121Kb / 7P
14-Bit CCD/CIS Signal Processor
REV. D
AD9814S AD-AD9814S_17 Datasheet
105Kb / 8P
14-Bit CCD/CIS Signal Processor
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com