Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF397A Datasheet (PDF) - TT Electronics.

OPF397A Datasheet PDF - TT Electronics.
Part # OPF397A
Download  OPF397A Download

File Size   753.2 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF397A Datasheet (PDF)

Go To PDF Page Download Datasheet
OPF397A Datasheet PDF - TT Electronics.

Part # OPF397A
Download  OPF397A Click to download

File Size   753.2 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Fiber Optic Transmitter

OPF397A Datasheet (HTML) - TT Electronics.

OPF397A Datasheet HTML 1Page - TT Electronics. OPF397A Datasheet HTML 2Page - TT Electronics. OPF397A Datasheet HTML 3Page - TT Electronics. OPF397A Datasheet HTML 4Page - TT Electronics.

OPF397A Product details

Description:
The OPF397 family fiber opƟc transmiƩers are high performance devices packaged for data communicaƟon links. This transmiƩer is an 850nm GaAlAs LED and is specifically designed to efficiently launch opƟcal power into fibers ranging in size from 50/125µm up to 200/300µm diameter fiber. MulƟple power ranges with upper and lower limits are offered which allows the designer to select a device best suited for the applicaƟon.

Features:
• Low Cost 850 nm LED technology
• Popular ST® style receptacle
• Pre-tested with fiber to assure performance
• Component pre-mounted and ready to use
• 75MHz operaƟon

Applications:
• Industrial Ethernet equipment
• Copper-to-fiber media conversion
• Intra-system fiber opƟc links
• Video surveillance systems




Similar Part No. - OPF397A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF397A OPTEK-OPF397A Datasheet
300Kb / 2P
   Fiber Optic gaAIAs High Speed LED
logo
TT Electronics.
OPF397A TTELEC-OPF397A Datasheet
502Kb / 4P
   Fiber Optic Transmitter
More results


Similar Description - OPF397A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com