Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2421 Datasheet (PDF) - Hamamatsu Corporation

L2421 Datasheet PDF - Hamamatsu Corporation
Part # L2421
Download  L2421 Download
File Size   1440.75 Kbytes
Page   14 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description SUPER QUIET MERCURY XENON LAMPS

L2421 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2421 Datasheet PDF - Hamamatsu Corporation

Part # L2421
Download  L2421 Click to download

File Size   1440.75 Kbytes
Page   14 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description SUPER QUIET MERCURY XENON LAMPS

L2421 Datasheet (HTML) - Hamamatsu Corporation


L2421 Product details

SUPER-QUIET MERCURY-XENON LAMPS
DEEP UV LIGHT SOURCE FOR PRECISION MEASUREMENT

FEATURES
● High stability
   Fluctuation (p-p) ..................... 1.0 % (Typ.)
                                                2.0 % (Max.)
   Drift .................................... ±0.5 % /h (Typ.)
● Long life
   Guaranteed life ..................500 h to 1000 h
   Average life ......................1000 h to 2000 h
● Virtually no arc point shift .......0.1 mm (Max.)
● Instantaneous starting and restarting
● High intensity in deep UV region
● Point light source, High luminance

APPLICATIONS
● Wafer Inspection
● Semiconductor annealing
● Fluorescent microscope
● Blood analyzer
● UV curing for epoxies, etc.
● Interferometer, Refractometer
● Microfilm enlarger




Similar Part No. - L2421

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
L242-155.52 CONNOR-WINFIELD-L242-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
More results


Similar Description - L2421

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-13F PERKINELMER-PE1000D-13F Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE1500D-10F PERKINELMER-PE1500D-10F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE175BF PERKINELMER-PE175BF Datasheet
62Kb / 2P
CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE500DF PERKINELMER-PE500DF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
logo
List of Unclassifed Man...
PE150AF ETC2-PE150AF Datasheet
548Kb / 4P
CERMAX짰 XENON SHORT-ARC LAMPS
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com