![]() |
Electronic Components Datasheet Search |
|
GL8U30 Datasheet (PDF) - Sharp Electrionic Components |
GL8U30 Datasheet (HTML) - Sharp Electrionic Components |
GL8U30 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | GL8U30 |
Download | GL8U30 Click to view |
File Size | 463.07 Kbytes |
Page | 7 Pages |
Maker | SHARP [Sharp Electrionic Components] |
Homepage | http://sharp-world.com/ |
Logo | |
Description | Super-luminosity/High-luminosity Numeric LED |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
UVS-312A | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA | 1 2 3 4 5 | Unity Opto Technology |
UVS-340XL | 0.8 inch 20.32 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVC-5X23 | 0.56 inch 14.2 mm FOUR-DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVD-32X | 0.3 inch 7.62 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVS-40XXA | 0.4 inch 10.16 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVD-4X2XC | 0.4 inch 10.21 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
UVS-4X01 | 0.4 inch 10.0 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
LA-301BL | Single Digit LED Numeric Display | 1 2 3 | Rohm |
UVD-6XX0 | 0.56 inch 14.22 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |