Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2559 Datasheet (PDF) - NTE Electronics

NTE2559 Datasheet PDF - NTE Electronics
Part # NTE2559
Download  NTE2559 Download

File Size   22.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington, Motor/Relay Driver

NTE2559 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2559 Datasheet PDF - NTE Electronics

Part # NTE2559
Download  NTE2559 Click to download

File Size   22.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors Darlington, Motor/Relay Driver

NTE2559 Datasheet (HTML) - NTE Electronics

NTE2559 Datasheet HTML 1Page - NTE Electronics NTE2559 Datasheet HTML 2Page - NTE Electronics

NTE2559 Product details

Absolute Maximum Ratings:
   Collector–Base Voltage, VCBO . . . . . . . . .. . . . . . . 120V
   Collector–Emitter Voltage, VCEO . . . . . . .  . . . . . . . 120V
   Emitter–Base Voltage, VEBO . . . . . . . . . .. . . . . . . . . . 6V
   Collector Current, IC
      Continuous . . . . . . . . . . . . . . . .  . . . . . . . . . . 16A
      Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26A
   Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . 1A
   Collector Dissipation (TFL = +25°C), PD . . . . . . . . . . . . . . . . 3W
   Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . +150°C
   Storage Temperature Range, Tstg . . .. . . . . . . . . . –55° to +150°C




Similar Part No. - NTE2559

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE255 NTE-NTE255 Datasheet
20Kb / 2P
   Silicon NPN Transistor Horizontal Driver, Amp
NTE2550 NTE-NTE2550 Datasheet
21Kb / 2P
   Silicon NPN Transistor Darlington Driver, Switch
NTE2551 NTE-NTE2551 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver, Switch
NTE2552 NTE-NTE2552 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver, Switch
NTE2553 NTE-NTE2553 Datasheet
20Kb / 2P
   Silicon NPN Transistor Darlington, Motor Driver, Switch
More results


Similar Description - NTE2559

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2541 NTE-NTE2541 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2547 NTE-NTE2547 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2554 NTE-NTE2554 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2551 NTE-NTE2551 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver, Switch
NTE2545 NTE-NTE2545 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington, High Speed Driver
logo
New Jersey Semi-Conduct...
2N6034 NJSEMI-2N6034 Datasheet
133Kb / 1P
   COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
CMPTA13 CENTRAL-CMPTA13 Datasheet
101Kb / 2P
   complementary silicon darlington transistors
logo
NTE Electronics
NTE2556 NTE-NTE2556 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington, Motor/Relay Driver
NTE2543 NTE-NTE2543 Datasheet
20Kb / 2P
   Silicon NPN Transistor Darlington, Motor/Relay Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com