Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC78684E Datasheet (PDF) - Sanyo Semicon Device

LC78684E Datasheet PDF - Sanyo Semicon Device
Part # LC78684E
Download  LC78684E Download
File Size   287.59 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MP3 Decoder for Compact Disc Players

LC78684E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC78684E Datasheet PDF - Sanyo Semicon Device

Part # LC78684E
Download  LC78684E Click to download

File Size   287.59 Kbytes
Page   21 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MP3 Decoder for Compact Disc Players

LC78684E Datasheet (HTML) - Sanyo Semicon Device


LC78684E Product details

Overview
The LC78684E integrates, on a single chip, CD-ROM signal-processing functions, MP3 signal-processing functions, and CD-DA shockproof signal-processing functions. The LC78684E achieves significant power savings by implementing signal-processing functions using hardwired structures.
A CD player that supports playback of MPEG audio (MP3) recorded on CD media as well as CD-DA shockproof playback can be implemented by combining this IC with a CD DSP, DRAM, and audio D/A converter, and other circuits.

Features
•  MP3 Decoding Functions (MPEG audio standard [ISO/IEC 11172-3] layer 3)
    - Decodes to a digital audio signal MP3 data decoded by the CD-ROM decoder and outputs that audio signal.
    - Supports all bit rates, including variable bit rate operation.
    - Supports the following sampling rates.
        MPEG1 (Fs = 32 K, 44.1 K, 48 K)
        MPEG2 (Fs = 16 K, 22.05 K, 24 K)
        MPEG2.5 (Fs = 8 K, 11.025 K, 12 K)
    - Can read out the MPEG header and ancillary data.
    - Automatically mutes the signal on CRC errors using an MP3 CRC check function.
    - External MPEG serial data input function supports memory card playback.
• CD-ROM Decoding Functions
    - Supports CD-ROM modes 1 and 2 (forms 1 and 2)
    - Faithfully reproduces data stored on CD-ROM discs using CD-ROM error correction functions.
    - Header and sector management
    - Supports playback speeds up to 4×.
    - In addition to data buffering also supports C2 error flag buffering.
    - Provides external serial output of decoded CD-ROM data.
• CD-DA Playback Functions (Shockproof support)
    - Shockproof operation for about 180 seconds (compressed mode) when 64M DRAM is used.
    - Shockproof function supports compressed, uncompressed, and data through modes.
    - VCEC (variable speed) supports up to 4×-speed playback.
• Audio Signal Processing
    - Serial audio signal output using LRCK, BCK, and DATA signals. (I²S format, either 16-bit or 20-bit precision PCM output, data-slot supports 16-bit, 24-bit, and 32-bit modes)
    - Digital bass boost function (4 modes), attenuator function, and muting (-f, -12 dB)
    - Provides a base clock (384 fs) output pin for use with external digital filters and D/A converters.
• DRAM Interface
    - Supports the use of from 1M to 64M of external DRAM (EDO, 2CAS, 16-bit data bus memory)
    - Supports allocation of a user area in DRAM during CD-ROM (MP3) playback.
• Package and Power Supply Voltage Specifications
    - Package: Sanyo QFP80 (14 × 14) (unit: mm)
    - Supply voltage
        Internal power supply: 1.8 V (typical)
        I/O power supply: 3.3 V (typical)
        Analog system power supply: 3.3 V (typical)




Similar Part No. - LC78684E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
Compressed Audio signal Processor IC with USB host controller
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786800E-H ONSEMI-LC786800E-H Datasheet
215Kb / 26P
Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC78681E SANYO-LC78681E Datasheet
262Kb / 23P
Digital Signal Processor for Compact Disc Players
LC78681KE SANYO-LC78681KE Datasheet
588Kb / 23P
Digital Signal Processor for Compact Disc Players?
More results


Similar Description - LC78684E

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5947FP ROHM-BA5947FP Datasheet
224Kb / 2P
IC for Compact Disc Players
logo
Sony Corporation
CXP1021Q SONY-CXP1021Q Datasheet
564Kb / 28P
System Controller for Compact Disc Players
CXP1042Q SONY-CXP1042Q Datasheet
562Kb / 28P
System Controller for Compact Disc Players
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
Power Driver For Compact Disc Players
BA5929FP ROHM-BA5929FP Datasheet
424Kb / 7P
Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_1 Datasheet
352Kb / 7P
Power Driver For Compact Disc Players
BA5947FP ROHM-BA5947FP_1 Datasheet
285Kb / 6P
Power Driver For Compact Disc Players
BA5814FM ROHM-BA5814FM_2 Datasheet
132Kb / 6P
Power Driver For Compact Disc Players
BA5947FM ROHM-BA5947FM_1 Datasheet
100Kb / 5P
Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
Power Driver For Compact Disc Players
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com