Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S0603 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S0603 Datasheet

  • # Example questions: ➢ What are the key advantages of utilizing the s0603 test plan?
    ➢ What are the available termination finish options for the s0603 series inductors?
    ➢ How is the order code structured for the s0603 series, and what does each part of the code represent?

  • Part No.S0603
    ManufacturerAPI
    Size1Mb
    Pages2 pages
    DescriptionHi-Rel Surface Mount Chip Inductors
    Datasheet Summary with AI

    1. Product Overview:

    · Product: Hi-Rel Surface Mount Chip Inductors
    · Series: S0603
    · Document Revision: 3/2012

    2. Physical Dimensions (not explicitly stated, but inferred from "S0603" naming convention, standard for surface mount chip inductors):
    · Size: 0.060" x 0.030" (typical S0603 size)

    3. Specifications:

    · Operating Temperature Range: -55°C to +125°C
    · Current Rating at 90°C Ambient: +35°C Rise
    · Insulation Resistance: 1000 Mohm Min.
    · Dielectric Withstanding Voltage (DWV): 200 Vrms
    · Core Material / Termination: Al2O3 / Sintered MoMn / Electroplated Ni / Electroplated Au Finish (RoHS)
    · Termination Options:
    * Au Finish (RoHS)
    * SnPb Solder
    * Pb Free Solder (RoHS)

    4. Inductance Values and Characteristics (Table Data - Organized):

    Series Code Inductance (µH) Turns / Inductance Maximum Rated Current (A) Self-Resonant Frequency (MHz)
    -3N3J 3.3 18 250 700
    -5N6J 5.6 18 250 700
    -8N2J 8.2 24 250 700
    -10NJ 10.0 28 250 700
    -15NJ 15.0 32 250 700
    -22NJ 22.0 35 250 700
    -33NJ 33.0 37 250 700
    -39NJ 39.0 37 250 700
    -47NJ 47.0 35 200 700
    -56NJ 56.0 35 200 700
    -68NJ 68.0 34 200 700
    -82NJ 82.0 34 200 700
    -101NJ 100.0 31 150 700
    -151NJ 150.0 29 100 700
    -221NJ 220.0 22 100 700
    -271NJ 270.0 22 700

    5. Ordering Information:

    · Ordering Code Format: S0603 [Inductance Value] [Inductance Tolerance] [Termination Finish] [Test Plan Screening]

    · Example: S0603 101N J 1 C

    * S0603: Series
    * 101N: Inductance Value (101µH)
    * J: Inductance Tolerance (Specific Value - Look up table needed for full list)
    * 1: Termination Finish (Specific Value - Look up table needed for full list)
    * C: Test Plan Screening (Specific Plan – Look up table needed for full list)

    6. Test Plan Advantages:

    · Multiple screening alternatives
    · Eliminates necessity for SCD’s
    · Provides quicker delivery
    · Reduces overall costs

    7. S0603 Test Plan Options:

    *(Not explicitly listed in the document, but references the existence of a test plan selection)*
    *(The phrase "Destructive Test Units Required" indicates a destructive testing aspect to some test plans)*

    Important Notes:

    · Lookup Tables Needed: The codes for Inductance Tolerance (J), Termination Finish (1), and Test Plan Screening (C) require reference to lookup tables that are not included in the provided excerpt.
    · "Turns" column: indicates the number of turns for the inductor.

    1. Product Overview:

    · Product: Hi-Rel Surface Mount Chip Inductors
    · Series: S0603
    · Document Revision: 3/2012

    2. Physical Dimensions (not explicitly stated, but inferred from "S0603" naming convention, standard for surface mount chip inductors):
    · Size: 0.060" x 0.030" (typical S0603 size)

    3. Specifications:

    · Operating Temperature Range: -55°C to +125°C
    · Current Rating at 90°C Ambient: +35°C Rise
    · Insulation Resistance: 1000 Mohm Min.
    · Dielectric Withstanding Voltage (DWV): 200 Vrms
    · Core Material / Termination: Al2O3 / Sintered MoMn / Electroplated Ni / Electroplated Au Finish (RoHS)
    · Termination Options:
    * Au Finish (RoHS)
    * SnPb Solder
    * Pb Free Solder (RoHS)

    4. Inductance Values and Characteristics (Table Data - Organized):

    Series Code Inductance (µH) Turns / Inductance Maximum Rated Current (A) Self-Resonant Frequency (MHz)
    -3N3J 3.3 18 250 700
    -5N6J 5.6 18 250 700
    -8N2J 8.2 24 250 700
    -10NJ 10.0 28 250 700
    -15NJ 15.0 32 250 700
    -22NJ 22.0 35 250 700
    -33NJ 33.0 37 250 700
    -39NJ 39.0 37 250 700
    -47NJ 47.0 35 200 700
    -56NJ 56.0 35 200 700
    -68NJ 68.0 34 200 700
    -82NJ 82.0 34 200 700
    -101NJ 100.0 31 150 700
    -151NJ 150.0 29 100 700
    -221NJ 220.0 22 100 700
    -271NJ 270.0 22 700

    5. Ordering Information:

    · Ordering Code Format: S0603 [Inductance Value] [Inductance Tolerance] [Termination Finish] [Test Plan Screening]

    · Example: S0603 101N J 1 C

    * S0603: Series
    * 101N: Inductance Value (101µH)
    * J: Inductance Tolerance (Specific Value - Look up table needed for full list)
    * 1: Termination Finish (Specific Value - Look up table needed for full list)
    * C: Test Plan Screening (Specific Plan – Look up table needed for full list)

    6. Test Plan Advantages:

    · Multiple screening alternatives
    · Eliminates necessity for SCD’s
    · Provides quicker delivery
    · Reduces overall costs

    7. S0603 Test Plan Options:

    *(Not explicitly listed in the document, but references the existence of a test plan selection)*
    *(The phrase "Destructive Test Units Required" indicates a destructive testing aspect to some test plans)*

    Important Notes:

    · Lookup Tables Needed: The codes for Inductance Tolerance (J), Termination Finish (1), and Test Plan Screening (C) require reference to lookup tables that are not included in the provided excerpt.
    · "Turns" column: indicates the number of turns for the inductor.

    Part No.S0603
    ManufacturerAPI
    Size1Mb
    Pages2 pages
    DescriptionHi-Rel Surface Mount Chip Inductors