| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about U1ZB12 Datasheet
# Example questions:
➢ What is the typical packaging quantity for the u1zb3--u1zb390 zener diodes?
➢ What is the typical forward voltage (vf) at a measurement current (if) of 0.2a for a u1zb330 zener diode?
➢ What is the maximum value of 'dim d' (in mm) for the do-214ac(sma) package?
1. Device Overview:
· Series: U1ZB3.3 - U1ZB390
· Type: Surface Mount Zener Diode
· Package: DO-214AC (SMA) – A common, small surface-mount package.
· Quantity per Package: 5000 diodes per Tape & Reel.
2. Zener Voltage Options & Electrical Characteristics (Key Data):
The datasheet lists nominal Zener voltages from 3.3V up to 390V. Here's a table summarizing a few key values, along with extracted data. Note: The table isn't exhaustive, but captures the main points. "VR" denotes Zener Voltage. "IF" is Forward Current, "IR" is Reverse Current. "ZZT" is Zener Impedance.
| Device | VR (V) (Nominal) | VR (Min) (V) | VR (Typ) (V) | VR (Max) (V) | IF (mA) | IR (μA) | ZZT (Ω) |
|---|---|---|---|---|---|---|---|
| U1ZB3.3 | 3.3 | N/A | 3.3 | N/A | N/A | N/A | N/A |
| U1ZB180 | 180 | 162 | 180 | 198 | 1.5 | 255 | 5000 |
| U1ZB200 | 200 | 180 | 200 | 220 | 0.5 | 269 | 220 |
| U1ZB220 | 220 | 198 | 220 | 242 | 0.5 | 309 | 5000 |
| U1ZB300 | 300 | 270 | 300 | 330 | 0.5 | 428 | 5000 |
| U1ZB330 | 330 | 297 | 330 | 363 | 0.5 | 470 | 5000 |
| U1ZB390 | 390 | 351 | 390 | 429 | 0.5 | 555 | 10000 |
1. Device Overview:
· Series: U1ZB3.3 - U1ZB390
· Type: Surface Mount Zener Diode
· Package: DO-214AC (SMA) – A common, small surface-mount package.
· Quantity per Package: 5000 diodes per Tape & Reel.
2. Zener Voltage Options & Electrical Characteristics (Key Data):
The datasheet lists nominal Zener voltages from 3.3V up to 390V. Here's a table summarizing a few key values, along with extracted data. Note: The table isn't exhaustive, but captures the main points. "VR" denotes Zener Voltage. "IF" is Forward Current, "IR" is Reverse Current. "ZZT" is Zener Impedance.
| Device | VR (V) (Nominal) | VR (Min) (V) | VR (Typ) (V) | VR (Max) (V) | IF (mA) | IR (μA) | ZZT (Ω) |
|---|---|---|---|---|---|---|---|
| U1ZB3.3 | 3.3 | N/A | 3.3 | N/A | N/A | N/A | N/A |
| U1ZB180 | 180 | 162 | 180 | 198 | 1.5 | 255 | 5000 |
| U1ZB200 | 200 | 180 | 200 | 220 | 0.5 | 269 | 220 |
| U1ZB220 | 220 | 198 | 220 | 242 | 0.5 | 309 | 5000 |
| U1ZB300 | 300 | 270 | 300 | 330 | 0.5 | 428 | 5000 |
| U1ZB330 | 330 | 297 | 330 | 363 | 0.5 | 470 | 5000 |
| U1ZB390 | 390 | 351 | 390 | 429 | 0.5 | 555 | 10000 |
| Part No. | U1ZB12 |
| Manufacturer | BILIN |
| Size | 199 Kbytes |
| Pages | 5 pages |
| Description | Surface mount zener diode |